Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540ZS Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF540ZS
Description  Isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF540ZS Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF540ZS Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF540ZS Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
Isc N-Channel MOSFET Transistor
IRF540ZS
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= 0.25mA
100
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID=0.25mA
2.0
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID=22A
21
26.5
mΩ
IGSS
Gate-Source Leakage Current
VGS= ±20V;VDS= 0V
±
0.2
μ
A
IDSS
Drain-Source Leakage Current
VDS=100V; VGS= 0V;Tj=25℃
VDS=80V; VGS= 0V;Tj=125℃
20
250
μ
A
VSDF
Diode forward voltage
ISD=22A, VGS = 0 V
1.3
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com