Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP50L Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MTP50L
Description  Glass Passivated Three-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP50L Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MTP50L Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP50L Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP50L Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
MTP50..L
UNIT
900
1300
1700
800
1200
1600
16
08
12
800
1200
1600
V
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum DC blocking voltage
Maximum average forward rectified output current, T = 80°C
C
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 10 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
VDC
IF(AV)
VISO
2
I t
2500
125
0
50
-55 to 150
5
00
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
UNIT
16
08
12
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
1000
1.10
10
voltage per diod
TEST
CONDITIONS
I
= 25A
F
T
= 25°C
A
T
= 150°C
A
THERMAL AND MECHANICAL (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
UNIT
16
08
12
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
Rth(j-c)
0.96
Notes
Storage temperature range
TSTG
-55 to 150
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M3
A mounting compound is recommended
and the torque should be rechecked after
a period of 3 hours to allow for the spread
of the compound.
0.8
.
N m
Approximate weight
11
torque
g
-
Product type : “MTP” Package,3
Ø Bridge (Three-phase bridge)
1
2
3
-
Device code
-
Voltage code : code x 100 = VRRM
I
rating : "50" for 50A
F(AV)
Ordering Information Tabel
MTP
L
50
16
4
2
1
3
-
L: SIP (Single-in-line) package
4
MTP50..L
MTP50..L
Page 2 of 3
www.nellsemi.com
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
MTP50L Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com