Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKSD600-100 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKSD600-100
Description  Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKSD600-100 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKSD600-100 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKSD600-100 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKSD600-100 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKSD600-100 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKSD600-100 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKSD600-100 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKSD600-100 Series RoHS
RoHS
Schottky Rectifier
www.nellsemi.com
Page 1 of 6
FEATURES
175°C T operation
J
Center tap module
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and
long term reliability
Lead (Pb)-free
Designed and qualified for industrial level
TYPICAL APPLICATIONS
High current switching power supplies
Plating power supplies
UPS system
Converters
Freewheeling
Welder
Reverse battery protection.
The NKSD600... Schottky rectifier common
cathode module series has been optimized
for low reverse leakage at high temperature.
The proprietary barrier technology allows for
reliable operation up to 175 °C junction
temperature.
DESCRIPTION
IAP (insulated)
IAP (non-insulated)
Base
Lug
terminal
anode 1
Lug
terminal
anode 2
common cathode
Lug
terminal
anode 1
Lug
terminal
anode 2
Lug terminal
common cathode
*Add suffix ”R” for common anode
MAJOR RATINGS AND CHARACTERISTICS
UNIT
lFSM
IF(AV)
A
CHARACTERISTICS
Rectangular waveform
A
t
5 µs sine
p =
300 Apk, T = 125°C (per leg)
j
Range
SYMBOL
VALUES
600
100
38500
0.70
-55 to 175
ºC
VRRM
TJ
VF
V
V
VOLTAGE RATINGS
UNIT
VR
PARAMETER
Maximum DC reverse voltage
SYMBOL
NKSD600-100
100
VRWM
V
Maximum working peak reverse voltage
PRODUCT SUMMARY
VR
100 V
lF(AV)
Nell High Power Products
NKSD600-100
NKSD600-100I
Lug terminal
cathode 1
Lug terminal
common anode
Lug terminal
cathode 2
NKSD600-100RI
*Add suffix “I” for insulated type
600A (300AX2)
Base
Lug
terminal
cathode 1
Lug
terminal
cathode 2
common anode
NKSD600-100R
*Add suffix ”R” for common anode
600A/100V (300A x 2/100V)


Similar Part No. - NKSD600-100

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKSD601-200 NELLSEMI-NKSD601-200 Datasheet
719Kb / 5P
Schottky Rectifier
More results

Similar Description - NKSD600-100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com