Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP420MA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBFP420MA
Description  SBFP420MA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP420MA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBFP420MA Datasheet HTML 1Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 2Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 3Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 4Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 5Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 6Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 7Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 8Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SBPF420M
No.7411-2/14
0.1
23
5
7
1.0
23
5
7
10
0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
25
20
30
35
0123
5
4
1.0
2
3
5
7
3
5
7
10
2
100
1.0
23
2
100
57
3
5
7
10
0.1
23
5
7
1.0
23
5
7
10
10
100
1000
hFE -- IC
1.0
2
23
35
2
100
73
5 7
0.1
57
10
コレクタ電流, IC -- mA
f T -- IC
コレクタ電流, IC -- mA
IT05694
IT05695
IC -- VCE
コレクタ・エミッタ 電圧, VCE -- V
IC -- VBE
ベース・エミッタ電圧, VBE -- V
IT05692
IT05693
0
2
4
6
8
10
0.1
2
5
7
1.0
3
0.1
2
5
7
1.0
3
Cob -- VCB
コレクタ・ベース電圧, VCB -- V
Cre -- VCB
コレクタ・ベース電圧, VCB -- V
IT05696
IT05697
f=1MHz
VCE=3V
f=1MHz
IB=10µA
20µA
30µA
40µA
50µA
60µA
70µA
80µA
90µA
100µA
1V
1.0
23
5
7
3
5
7
10
2
100
S21e
2 -- IC
コレクタ電流, IC -- mA
IT05698
6
8
10
12
16
14
20
18
VCE
=3V
f=1.8GHz
010
515
20
25303540
0
0.5
1.5
2.0
3.5
1.0
2.5
3.0
NF -- IC
コレクタ電流, IC -- mA
IT05699
Zs=50
Ω
Zs=Zsopt
VCE=3V
f=1.8GHz
1V
f=1.8GHz
2
3
5
7
3
5
7
2
VCE=4V
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com