Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16NK65Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16NK65Z
Description  N-CHANNEL 650V-0.38OHM-13A TO-220 I2SPAK Zener - Protected SuperMESH MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16NK65Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP16NK65Z Datasheet HTML 1Page - STMicroelectronics STP16NK65Z Datasheet HTML 2Page - STMicroelectronics STP16NK65Z Datasheet HTML 3Page - STMicroelectronics STP16NK65Z Datasheet HTML 4Page - STMicroelectronics STP16NK65Z Datasheet HTML 5Page - STMicroelectronics STP16NK65Z Datasheet HTML 6Page - STMicroelectronics STP16NK65Z Datasheet HTML 7Page - STMicroelectronics STP16NK65Z Datasheet HTML 8Page - STMicroelectronics STP16NK65Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2005
STP16NK65Z
STB16NK65Z-S
N-CHANNEL 650V - 0.38
Ω - 13A TO-220 / I2SPAK
Zener - Protected SuperMESH™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.38Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
stripbased PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capabil-
ity for the most demanding applications. Such se-
ries complements ST full range of high voltage
MOSFETs including revolutionary MDmesh™
products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STP16NK65Z
STB16NK65Z-S
650 V
650 V
< 0.50
Ω
< 0.50
Ω
13 A
13 A
190 W
190 W
1
2
3
1
2
3
I²SPAK
TO-220
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP16NK65Z
P16NK65Z
TO-220
TUBE
STB16NK65Z-S
B16NK65Z
I²SPAK
TUBE
Rev. 3


Similar Part No. - STP16NK65Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP16NK65Z VBSEMI-STP16NK65Z Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP16NK65Z-S STMICROELECTRONICS-STP16NK65Z-S Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
More results

Similar Description - STP16NK65Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP5NK65Z STMICROELECTRONICS-STP5NK65Z Datasheet
286Kb / 9P
N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH™ Power MOSFET
Apr-2002
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH™ 줡ower MOSFET
July 2003
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
Feb-2004
STW13NK100Z STMICROELECTRONICS-STW13NK100Z Datasheet
208Kb / 9P
N-CHANNEL 1000V - 0.56 OHM - 13A TO-247 Zener-Protected SuperMESH Power MOSFET
March 2004
STW13NK100Z STMICROELECTRONICS-STW13NK100Z_06 Datasheet
319Kb / 14P
N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
01-Aug-2006
STP20NK50Z STMICROELECTRONICS-STP20NK50Z_04 Datasheet
380Kb / 13P
N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH™MOSFET
May-2004
STB13NK60Z STMICROELECTRONICS-STB13NK60Z_05 Datasheet
369Kb / 17P
N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
12-Sep-2005
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_05 Datasheet
494Kb / 14P
N-CHANNEL 650V @Tjmax - 1.2Ω - 5A TO-220/FP/DPAK Zener-Protected SuperMESH™MOSFET
15-Dec-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com