Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2526 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2526
Description  4 INPUT 1 OUTPUT VIDEO SWITCH with ISOLATION AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2526 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2526 Datasheet HTML 3Page - New Japan Radio NJM2526 Datasheet HTML 4Page - New Japan Radio NJM2526 Datasheet HTML 5Page - New Japan Radio NJM2526 Datasheet HTML 6Page - New Japan Radio NJM2526 Datasheet HTML 7Page - New Japan Radio NJM2526 Datasheet HTML 8Page - New Japan Radio NJM2526 Datasheet HTML 9Page - New Japan Radio NJM2526 Datasheet HTML 10Page - New Japan Radio NJM2526 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ver.7
NJM2526
-7-
s
s
s
s TYPICAL CHARACTERISTICS
Voltage Gain vs. Frequency
Common Mode Rejection Ratio vs. Frequency
(V+=5V,Vin=1Vpp)
(V+=5V,Vin=1Vpp)
Supply Current vs. Supply Voltage
Maximum Output Voltage Swing vs. Supply Voltage
(No Signal)
(Vin=100kHz sine-signal THD=1%)
Voltage Gain vs. Supply Voltage
Frequency vs. Supply Voltage
(Vin=100kHz 1Vpp sine-signal)
(Vin=10MHz/1MHz 1Vpp sine-signal)
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
10
5
10
6
10
7
10
8
VIN1
VIN2
VIN3
VIN4
Freq [Hz]
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
IN1
IN3
IN2
IN4
Freq [Hz]
5.0
10.0
15.0
20.0
46
8
10
12
14
16
Vcc [V]
0.0
1.0
2.0
3.0
4.0
5.0
46
8
10
12
14
16
VIN1
VIN2
VIN3
VIN4
Vcc [V]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
46
8
10
12
14
16
VIN1
VIN2
VIN3
VIN4
Vcc [V]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
46
8
10
12
14
16
VIN1
VIN2
VIN3
VIN4
Vcc [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com