Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1144 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1144
Description  AUDIO PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1144 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1144 Datasheet HTML 16Page - New Japan Radio NJW1144 Datasheet HTML 17Page - New Japan Radio NJW1144 Datasheet HTML 18Page - New Japan Radio NJW1144 Datasheet HTML 19Page - New Japan Radio NJW1144 Datasheet HTML 20Page - New Japan Radio NJW1144 Datasheet HTML 21Page - New Japan Radio NJW1144 Datasheet HTML 22Page - New Japan Radio NJW1144 Datasheet HTML 23Page - New Japan Radio NJW1144 Datasheet HTML 24Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
NJW1144
-21 -
s
s
s
sTYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
0.01
0.1
1
THD+N vs Input Voltage
Input Voltage [Vrms]
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT
Rg=600
Ω, BW=400Hz-30kHz, Vol=-20dB
75oC
-20oC
25oC
0.01
0.1
1
10
100
0.01
0.1
1
THD+N vs Input Voltage
Input Voltage [Vrms]
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT
Rg=600
Ω, BW=400Hz-30kHz, Ta=25oC
0dB
-30dB
-20dB
-10dB
0.01
0.1
1
10
100
0.01
0.1
1
THD+N vs Output Voltage
Output Voltage [Vrms]
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT
BW=400Hz-30kHz, Rg=600
Ω, Ta=25oC
0dB
-30dB
-20dB
-10dB
0.01
0.1
1
10
100
0.01
0.1
1
THD+N vs Output Voltage
Output Voltage [Vrms]
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT
Rg=600
Ω, BW=400Hz-30kHz, Vol=0dB
75oC
-20oC
25oC
0
20
40
60
80
100
120
100
1000
10
4
M UT E Level vs Frequency
Frequency [Hz]
V+=9V, Vin(Ach)=1Vrms, Vol=MUTE
Vo(Ach)O UTPUT, Rg=600
Ω , Ta=25
oC
0
20
40
60
80
100
100
1000
10
4
Ch annel Separation vs Frequen cy
Freqency [H z]
V+=9V , Vin=1Vrms, f=1kHz, Vo=OUTP UT
Rg=600
Ω , Vol=0 dB, Ta=25
oC
Vin(Ach)-V o(Bch)
Vin(Bch)-V o(Ach)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com