Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW161009A-R10J Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CW161009A-R10J
Description  0603 Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW161009A-R10J Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CW161009A-R10J Datasheet HTML 1Page - Bourns Electronic Solutions CW161009A-R10J Datasheet HTML 2Page - Bourns Electronic Solutions CW161009A-R10J Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
CW161009A Series – 0603 Chip Inductors
Solder Profile
PRE-HEATING
SOLDERING
NATURAL
COOLING
160
190
220
TP (250 °C / 10 seconds max.)
90 ~ 120 seconds
1 ~ 4 °C / sec
1 ~ 4 °C / sec
Time (Seconds)
30 ~ 60
seconds
Packaging Specifications
8
(.315)
1
(.039)
178
(7.008)
60
(2.362)
USER DIRECTION OF FEED
QTY: 3,000 PCS PER REEL
4.0
(.157)
3.5
(.138)
1.75
(.069)
8.0
(.315)
80
(3.150)
NO COMPONENT
COMPONENTS
NO COMPONENT
160
(6.299)
2.0
(.079)
0.95
(.037)
0.22
(.009)
1.16
(.046)
1.90
(.075)
1.50
(.059) DIA.
DIA.
DIA.
DIMENSIONS:
MM
(INCHES)
12/18
Schematic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com