Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW161009A-R18J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW161009A-R18J
Description  0603 Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW161009A-R18J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW161009A-R18J Datasheet HTML 1Page - Bourns Electronic Solutions CW161009A-R18J Datasheet HTML 2Page - Bourns Electronic Solutions CW161009A-R18J Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REF.
0.50
(.020)
1.65 ± 0.2
(.065 ± .008)
1.15 ± 0.2
(.045 ± .008)
0.90 ± 0.2
(.035 ± .008)
0.30 ± 0.1
(.012 ± .004)
REF.
1.92
(.076)
REF.
1.27
(.050)
REF.
0.64
(.025)
Features
n
Ceramiccoreprovidesstableelectricalcharacteristics
n
Highself-resonantfrequency
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
CW161009A Series – 0603 Chip Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Temperature Rise .....15 °C at rated Irms
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Electrical Specifications @ 25 °C
Bourns® Part No.
Inductance
Q
Test Freq.
(MHz)
SRF
(MHz)
DCR
(Ohms)
I rms
(mA)
L (nH)
Tol.
Min.
L
Q
Min.
Max.
Typ.
CW161009A-1N6D
1.6
±0.3 nH
18
250 250
12500
0.030
700
CW161009A-1N8D
1.8
±0.3 nH
16
250 250
8500
0.045
700
CW161009A-2N2D
2.2
±0.3 nH
13
250 250
8500
0.110
700
CW161009A-3N3J
3.3
±5 %
35
250 250
6000
0.045
700
CW161009A-3N6J
3.6
±5 %
22
250 250
6000
0.070
700
CW161009A-3N9J
3.9
±5 %
22
250 250
6900
0.070
700
CW161009A-4N3J
4.3
±5 %
22
250 250
5900
0.070
700
CW161009A-4N7J
4.7
±5 %
20
250 250
5800
0.080
700
CW161009A-5N1J
5.1
±5 %
18
250 250
5700
0.150
700
CW161009A-5N6J
5.6
±5 %
16
250 250
5500
0.190
700
CW161009A-6N2J
6.2
±5 %
25
250 250
5800
0.100
700
CW161009A-6N8J
6.8
±5 %
27
250 250
5800
0.100
700
CW161009A-7N5J
7.5
±5 %
28
250 250
4800
0.100
700
CW161009A-8N2J
8.2
±5 %
28
250 250
4700
0.100
700
CW161009A-8N7J
8.7
±5 %
28
250 250
4600
0.100
700
CW161009A-9N5J
9.5
±5 %
28
250 250
5400
0.100
700
CW161009A-10NJ
10.0
±5 %
31
250 250
4800
0.100
700
CW161009A-11NJ
11.0
±5 %
30
250 250
4000
0.100
700
CW161009A-12NJ
12.0
±5 %
32
250 250
4000
0.100
700
CW161009A-13NJ
13.0
±5 %
38
250 250
3600
0.100
700
CW161009A-15NJ
15.0
±5 %
35
250 250
4000
0.120
700
CW161009A-16NJ
16.0
±5 %
35
250 250
3300
0.120
700
CW161009A-18NJ
18.0
±5 %
35
250 250
3100
0.120
700
CW161009A-20NJ
20.0
±5 %
35
250 250
3100
0.120
700
CW161009A-22NJ
22.0
±5 %
35
250 250
3000
0.150
700
CW161009A-23NJ
23.0
±5 %
38
250 250
2850
0.140
700
CW161009A-24NJ
24.0
±5 %
35
250 250
2650
0.140
700
CW161009A-27NJ
27.0
±5 %
35
250 250
2800
0.200
600
CW161009A-30NJ
30.0
±5 %
37
250 250
2250
0.144
600
CW161009A-33NJ
33.0
±5 %
36
250 250
2300
0.200
600
CW161009A-36NJ
36.0
±5 %
36
250 250
2080
0.200
600
CW161009A-39NJ
39.0
±5 %
36
250 250
2200
0.210
600
CW161009A-43NJ
43.0
±5 %
38
250 250
2000
0.220
600
CW161009A-47NJ
47.0
±5 %
35
200 200
2000
0.230
600
CW161009A-51NJ
51.0
±5 %
32
200 200
1950
0.240
600
CW161009A-56NJ
56.0
±5 %
32
200 200
1900
0.250
600
CW161009A-68NJ
68.0
±5 %
32
200 200
1700
0.350
600
CW161009A-72NJ
72.0
±5 %
34
150 150
1700
0.490
400
CW161009A-82NJ
82.0
±5 %
30
150 150
1700
0.580
400
CW161009A-R10J
100.0
±5 %
34
150 150
1400
0.580
400
CW161009A-R11J
110.0
±5 %
33
150 150
1350
0.610
300
CW161009A-R12J
120.0
±5 %
30
150 150
1300
0.650
300
CW161009A-R15J
150.0
±5 %
30
100 100
990
0.850
280
CW161009A-R18J
180.0
±5 %
25
100 100
990
1.000
250
CW161009A-R22J
220.0
±5 %
25
100 100
900
1.800
250
CW161009A-R27J
270.0
±5 %
25
100 100
822
2.100
200
CW161009A-R33J
330.0
±5 %
25
100 100
500
2.300
150
CW161009A-R39J
390.0
±5 %
25
100 100
350
2.900
130
General Specifications
Core Material.............................Ceramic
Wire ............Enameled copper (Class H)
Terminal.............................Mo/Mn/Ni/Au
Packaging...... 3,000 pcs. per 7-inch reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
REF.
0.50
(.020)
1.65 ± 0.2
(.065 ± .008)
1.15 ± 0.2
(.045 ± .008)
0.90 ± 0.2
(.035 ± .008)
0.30 ± 0.1
(.012 ± .004)
REF.
1.92
(.076)
REF.
1.27
(.050)
REF.
0.64
(.025)
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - CW161009A-R18J

ManufacturerPart #DatasheetDescription
logo
Comus International
CW1600 COMUS-CW1600 Datasheet
1Mb / 2P
Tilt Switch
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW160808 BOURNS-CW160808 Datasheet
184Kb / 2P
High Q Chip Inductors
CW160808-10NJ BOURNS-CW160808-10NJ Datasheet
136Kb / 1P
High Q Chip Inductors
CW160808-10NJ BOURNS-CW160808-10NJ Datasheet
184Kb / 2P
High Q Chip Inductors
More results

Similar Description - CW161009A-R18J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
logo
Coilcraft lnc.
0201DS-0N5XKLU COILCRAFT-0201DS-0N5XKLU Datasheet
149Kb / 2P
Chip Inductors - 0201DS Series(0603)
logo
Panasonic Semiconductor
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
0402/0603 Chip Inductors
logo
Everlight Electronics C...
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
312Kb / 9P
0603 Package Infrared Chip LED
2014-08-18
logo
Bourns Electronic Solut...
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com