Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2703 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2703
Description  SHA-1 Battery Pack Authentication IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2703 Datasheet HTML 7Page - Dallas Semiconductor DS2703 Datasheet HTML 8Page - Dallas Semiconductor DS2703 Datasheet HTML 9Page - Dallas Semiconductor DS2703 Datasheet HTML 10Page - Dallas Semiconductor DS2703 Datasheet HTML 11Page - Dallas Semiconductor DS2703 Datasheet HTML 12Page - Dallas Semiconductor DS2703 Datasheet HTML 13Page - Dallas Semiconductor DS2703 Datasheet HTML 14Page - Dallas Semiconductor DS2703 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
11 of 20
HARDWARE CONFIGURATION
The DS2703 uses an open-drain output driver as part of the bidirectional interface circuitry shown in Figure 5. If a
bidirectional pin is not available on the bus master, separate output and input pins can be connected together. For
normal communication the 1-Wire bus must have a pullup resistor at the bus-master end of the bus. For short line
lengths and/or VPULLUP ≥ 3.0V, a value of approximately 4.7k
W is recommended. For long line lengths and/or
VPULLUP < 3.0V, a value of approximately 2k
W is recommended. The idle state for the 1-Wire bus is high. If, for any
reason, a bus transaction must be suspended, the bus must be left in the idle state to properly resume the
transaction later. Note that if the bus is left low for more than tLOW0, slave devices on the bus begin to interpret the
low period as a reset pulse, effectively terminating the transaction.
When performing SHA-1 computations, the DS2703 requires a stronger pullup than 4.7k. A P-FET in parallel with
the standard pullup can be switched on during computation and then disabled to read the result. When measuring
the thermistor RTHM, both the strong pullup and standard pullup should be disabled to allow a weak pullup to form a
voltage divider with the thermistor. A voltage A/D connected directly to the 1-Wire bus can then read the voltage
drop of the thermistor.
Figure 5. 1-Wire Bus Interface Circuitry
TRANSACTION SEQUENCE
The protocol for accessing the DS2703 through the 1-Wire port is as follows:
§
Initialization
§
Net Address Command
§
Function Command(s)
§
Data Transfer (not all commands have data transfer)
All transactions of the 1-Wire bus begin with an initialization sequence consisting of a reset pulse transmitted by the
bus master, followed by a presence pulse simultaneously transmitted by the DS2703 and any other slaves on the
bus. The presence pulse tells the bus master that one or more devices are on the bus and ready to operate. For
more details, see the 1-Wire Signaling section below.
VPULLUP
Bus Master
DS2703
Rx
Tx
4.7K
50K
150
RTHM
~100Ω
MOSFET
~1µA
Rx
Tx
Activate
THM
PACK-
DQ
COMP
COMM
Voltage A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com