Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2703UT Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2703UT
Description  SHA-1 Battery Pack Authentication IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703UT Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2703UT Datasheet HTML 5Page - Dallas Semiconductor DS2703UT Datasheet HTML 6Page - Dallas Semiconductor DS2703UT Datasheet HTML 7Page - Dallas Semiconductor DS2703UT Datasheet HTML 8Page - Dallas Semiconductor DS2703UT Datasheet HTML 9Page - Dallas Semiconductor DS2703UT Datasheet HTML 10Page - Dallas Semiconductor DS2703UT Datasheet HTML 11Page - Dallas Semiconductor DS2703UT Datasheet HTML 12Page - Dallas Semiconductor DS2703UT Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
9 of 20
Table 5. 1-Wire Speed Control Function Commands
COMMAND
HEX
FUNCTION
Clear Overdrive
8D
Clears the Overdrive 1-Wire Speed bit to select Standard 1-Wire
timings
Set Overdrive
8B
Sets the Overdrive 1-Wire Speed bit to select Overdrive 1-Wire
timings
THERMISTOR MEASUREMENT
The DS2703’s 1-Wire interface allows a thermistor to be multiplexed on the DQ line for thermal measurements of
the cell pack without adding an additional pack connection. See the Typical Operating Circuit, Figure 5. The
thermistor is connected between the DQ and THM pins. THM is normally high impedance to prevent the thermistor
from interfering with 1-Wire communication. When an Activate THM command is received, THM is internally driven
to VSS and the DQ pin becomes high impedance allowing the thermistor resistance to be measured. See the
timing diagram in Figure 12.
Figure 2. Thermistor Mode Duration when CVB is .22µF
0
200
400
600
800
1000
2.7
3.1
3.53.9
4.34.7
5.15.5
The DS2703 will remain in thermistor measurement mode until the stored charge on the VB pin capacitor is
depleted causing the IC to power cycle back to standard mode of operation. While in thermistor measurement
mode, communication to the DS2703 is not possible. After measuring the thermistor, the host must wait until the
VB capacitor is depleted. Figure 2 shows the typical and worst case transition times over the full operating range
when using .22µF as the VB pin capacitor. Thermistor measurements should be made within the first 100ms after
issuing the command. The host system should then wait until at least 1000ms have passed before sending the next
communication sequence to the IC.
Normal Mode of
Operation Restored
Worst Case Quickest
Transition Time
Worst Case Slowest
Transition
Typical Transition
Time
Valid Thermistor
Measurement Period
DQ Pullup Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com