Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P4SMA Datasheet(PDF) 2 Page - NEC

Part # 8P4SMA
Description  8A MOLD ISOLATED SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

8P4SMA Datasheet(HTML) 2 Page - NEC

  8P4SMA Datasheet HTML 1Page - NEC 8P4SMA Datasheet HTML 2Page - NEC 8P4SMA Datasheet HTML 3Page - NEC 8P4SMA Datasheet HTML 4Page - NEC 8P4SMA Datasheet HTML 5Page - NEC 8P4SMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D17164EJ3V0DS
2
8P2SMA,8P4SMA
MAXIMUM RATINGS
Parameter
Symbol
8P2SMA
8P4SMA
Unit
Remarks
Non-repetitive Peak Reverse Voltage
VRSM
300
500
V
−
Non-repetitive Peak Off-state Voltage
VDSM
300
500
V
−
Repetitive Peak Reverse Voltage
VRRM
200
400
V
−
Repetitive Peak Off-state Voltage
VDRM
200
400
V
−
Average On-state Current
IT(AV)
8 (TC = 88°C, single phase half wave,
θ = 180°)
A
Refer to Figure 11
Effective On-state Current
IT(RMS)
12.6
A
and 12.
Surge On-state Current
ITSM
100 (f = 50 Hz, sine half wave, 1 cycle)
A
Refer to Figure 2.
110 (f = 60 Hz, sine half wave, 1 cycle)
Fusing Current
∫ iT2dt
45 (1 ms
≤ t ≤ 10 ms)
A
2s
−
Critical Rate Rise of On-state Current
dIT/dt
50
A/
µs
−
Peak Gate Power Dissipation
PGM
5 (f
≥ 50 Hz, Duty ≤ 10%)
W
Refer to Figure 3.
Average Gate Power Dissipation
PG(AV)
0.5
W
Peak Gate Forward Current
IFGM
2 (f
≥ 50 Hz, Duty ≤ 10%)
A
−
Peak Gate Reverse Voltage
VRGM
10
V
−
Junction Temperature
Tj
−40~+125
°C
−
Storage Temperature
Tstg
−55~+150
°C
−
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP. MAX.
Unit
Remarks
Repetitive Peak Reverse Current
IRRM
VRM = VRRM
Tj = 25°C
−
−
100
µ A
−
Tj = 125°C
−
−
2
mA
−
Repetitive Peak Off-state Current
IDRM
VDM = VDRM
Tj = 25°C
−
−
100
µ A
−
Tj = 125°C
−
−
2
mA
−
On-state Voltage
VTM
ITM = 25 A
−
−
1.4
V
Refer to Figure 1.
Gate Trigger Current
IGT
VDM = 6 V, RL = 100
Ω
−
−
10
mA
Refer to Figure 4.
Gate Trigger Voltage
VGT
VDM = 6 V, RL = 100
Ω
−
−
1.5
V
Gate Non-trigger Voltage
VGD
Tj = 125°C, VDM =
2
1 VDRM
0.2
−
−
V
−
Holding Current
IH
VDM = 24 V, ITM = 25 A
−
6
−
mA
−
Critical Rate Rise of Off-state Voltage
dv/dt
Tj = 125°C, VDM = 3
2 VDRM
−
40
−
V
/µs
−
Circuit Commuted Turn-off Time
tq
Tj = 125°C, ITM = 8 A
diR/dt = 15 A/
µs, VR ≥ 25 V,
VDM = 3
2 VDRM, dVD/dt = 10 V/µs
−
100
−
µs
−
Thermal Resistance
Note
Rth(j-c)
Junction to case DC
−
−
3.7
°C/W Refer to Figure 13.
Rth(j-a)
Junction to ambient DC
−
−
60
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com