Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150SCFM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 150SCFM
Description  20SCFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

150SCFM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  150SCFM Datasheet HTML 1Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 2Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 3Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 4Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 5Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
60 SCFM Coalescer
1-800-521-9200
8
Specifications
Port Sizes
1/4", 3/8", 1/2"
Thread Styles
NPT, BSPT, BSPP
Flow Capacity
60 SCFM @ 100 PSI
Bowl Types
Aluminum
Polycarbonate
Maximum Temp.
Aluminum 175°F, 200 PSIG
& Pressure*
Polycarb. 125°F, 150 PSIG
Filter Capacity
0.01 Micron and Larger
Differential Pressure < 1.5 PSID at Rated Flow
*For higher pressure applications, consult factory. If unit is equipped with
differential indicator, maximum temperature and pressure are 125°F and
150 PSIG regardless of bowl design.
Front View
Side View
Physical Dimensions
Model #
Description
A
B
C
D
3C-060-M04-P
Metal Bowl, Manual Drain
3.8
10.0
3.8
2.0
3C-060-M04-F
Metal Bowl, Float Drain
3.8
10.5
3.8
2.0
3C-060-M04-Fi
Metal Bowl, Float Drain w/Indicator
3.8
11.5
3.8
2.0
3C-060-P04-P
Poly Bowl, Manual Drain
3.8
10.0
3.8
2.0
3C-060-P04-F
Poly Bowl, Float Drain
3.8
10.5
3.8
2.0
3C-060-P04-Fi
Poly Bowl, Float Drain w/Indicator
3.8
11.5
3.8
2.0
Order Guide
Metal Bowl
Poly Bowl
Port Size
Metal Bowl
w/Indicator
Poly Bowl
w/Indicator
1/4"
3C-060-M02-P
3C-060-M02-Pi
3C-060-P02-P
3C-060-P02-Pi
Manual Drain
3/8"
3C-060-M03-P
3C-060-M03-Pi
3C-060-P03-P
3C-060-P03-Pi
1/2"
3C-060-M04-P
3C-060-M04-Pi
3C-060-P04-P
3C-060-P04-Pi
1/4"
3C-060-M02-F
3C-060-M02-Fi
3C-060-P02-F
3C-060-P02-Fi
Float Drain
3/8"
3C-060-M03-F
3C-060-M03-Fi
3C-060-P03-F
3C-060-P03-Fi
1/2"
3C-060-M04-F
3C-060-M04-Fi
3C-060-P04-F
3C-060-P04-Fi
Replacement Parts & Accessories
Description
Part Number
Bowl O-Ring
N32-95-257
Metal Bowl Assembly,
N34-95-200
Brass Float Drain
Differential Indicator
N32-W1-DPi
Manual Drain (for Poly Bowl)
N32-95-182
Brass Float Drain
N32-95-978
Plastic Float Drain
N32-95-973
Poly Bowl, Manual Flex Drain
N32-95-610
Description
Part Number
Replacement Element
3C-060
Blanking Cap
N32-95-020
Manual Drain (for Metal Bowl)
PC-02
Poly Bowl, Brass Float Drain
N32-15-164
Poly Bowl, Plastic Float Drain
N32-15-165
Type of contamination: oil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com