Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC05DSMA Datasheet(PDF) 2 Page - NEC

Part # AC05DSMA
Description  5 A RESIN INSULATION TYPE TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC05DSMA Datasheet(HTML) 2 Page - NEC

  AC05DSMA Datasheet HTML 1Page - NEC AC05DSMA Datasheet HTML 2Page - NEC AC05DSMA Datasheet HTML 3Page - NEC AC05DSMA Datasheet HTML 4Page - NEC AC05DSMA Datasheet HTML 5Page - NEC AC05DSMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D15293EJ4V0DS
2
AC05DSMA,AC05FSMA
MAXIMUM RATINGS
Parameter
Symbol
AC05DSMA
AC05FSMA
Unit
Remarks
Non-repetitive Peak Off-state Voltage
VDSM
500
700
V
−
Repetitive Peak Off-state Voltage
VDRM
400
600
V
−
Effective On-state Current
IT(RMS)
5 (TC = 99°C)
A
Refer to Figure 11 and 12.
Surge On-state Current
ITSM
A
Refer to Figure 2.
50 (50 Hz 1 cycle)
55 (60 Hz 1 cycle)
Fusing Current
∫ iT2dt
10 (1 ms
≤ t ≤ 10 ms)
A
2s
−
Critical Rate Rise of On-state Current
dIT/dt
50
A/
µs
−
Peak Gate Power Dissipation
PGM
3 (f
≥ 50 Hz, Duty ≤ 10%)
W
−
Average Gate Power Dissipation
PG(AV)
0.3
W
−
Peak Gate Current
IGM
±1.5 (f
≥ 50 Hz, Duty ≤ 10%)
A
−
Junction Temperature
Tj
−40~+125
°C
−
Storage Temperature
Tstg
−55~+150
°C
−
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP. MAX.
Unit
Remarks
Repetitive Peak Off-state Current
IDRM
VDM = VDRM
Tj = 25°C
−
−
100
µ A
−
Tj = 125°C
−
−
1
mA
−
On-state Voltage
VTM
ITM = 5 A
−
−
1.8
V
Refer to Figure 1.
Gate Trigger Current
Mode I
IGT
VDM = 12 V,
T2+, G+
−
−
10
mA
Refer to Figure 4.
II
RL = 30
Ω
T2
−, G+
−
−
−
III
T2
−, G−
−
−
10
IV
T2+, G
−
−
−
10
Gate Trigger Voltage
Mode I
VGT
VDM = 12 V,
T2+, G+
−
−
1.5
V
Refer to Figure 4.
II
RL = 30
Ω
T2
−, G+
−
−
−
III
T2
−, G−
−
−
1.5
IV
T2+, G
−
−
−
1.5
Gate Non-trigger Voltage
VGD
Tj = 125°C, VDM =
2
1 VDRM
0.2
−
−
V
−
Holding Current
IH
VDM = 24 V
−
10
−
mA
−
Critical Rate Rise of Off-state Voltage
dv/dt
Tj = 125°C, VDM = 3
2 VDRM
−
100
−
V
/µs
−
Commutating Critical Rate Rise of
Off-state Voltage
(dv/dt)c Tj = 125°C,
(diT/dt)c =
−2.7 A/ms, VD = 400 V
5
−
−
V
/µs
−
Thermal Resistance
Note
Rth(j-c)
Junction-to-case AC
−
−
4.2
°C/W Refer to Figure 13.
Note The thermal resistance with a 50 Hz or 60 Hz sine wave current, as shown in the following expression:
Rth(j-c) =
)
AV
(
T
C
(max)
j
P
T
T
−
Tj(max): Maximum junction temperature
TC: Case temperature
PT(AV): Average on-dissipation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com