Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA4F3R Datasheet(PDF) 2 Page - NEC

Part # FA4F3R
Description  RESISTOR BUILT-IN TYPE NPN TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FA4F3R Datasheet(HTML) 2 Page - NEC

  FA4F3R Datasheet HTML 1Page - NEC FA4F3R Datasheet HTML 2Page - NEC FA4F3R Datasheet HTML 3Page - NEC FA4F3R Datasheet HTML 4Page - NEC FA4F3R Datasheet HTML 5Page - NEC FA4F3R Datasheet HTML 6Page - NEC FA4F3R Datasheet HTML 7Page - NEC FA4F3R Datasheet HTML 8Page - NEC FA4F3R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet D16493EJ2V0DS
2
FA4xxx
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 50 V, IE = 0
100
nA
DC Current Gain
hFE1
VCE = 5.0 V, IC = 5.0 mA
Note1
-
hFE2
VCE = 5.0 V, IC = 50 mA
Note1
-
Collector Saturation Voltage
VCE(sat)
IC = 5.0 mA, IB = 0.25 mA
0.2
V
Low-level Input Voltage
VIL
VCE = 5.0 V, IC = 100
µA
Note2
V
High-level Input Voltage
VIH
VCE = 0.2 V, IC = 5.0 mA
Note2
V
Input Resistor
R1
Note3
k
Ω
Emitter to Base Resistor
R2
Note3
k
Ω
Note 1
PART NUMBER
hFE1
hFE2
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
FA4A4M
35
100
80
-
FA4F4M
60
195
90
-
FA4L4M
85
340
95
-
FA4L3M
20
80
80
-
FA4L3N
35
100
80
-
FA4L3Z
135
600
100
-
FA4A3Q
35
100
80
-
FA4A4P
85
340
95
-
FA4F4N
85
340
95
-
FA4L4L
60
195
90
-
FA4A4Z
135
600
100
-
FA4F4Z
135
600
100
-
FA4L4Z
135
600
100
-
FA4F3M
8
50
50
-
FA4F3P
35
100
80
-
FA4F3R
85
340
95
-
FA4A4L
20
80
80
-
FA4L4K
35
100
80
-
Note 2
PART NUMBER
VIL
VIH
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
FA4A4M
0.8
3.0
V
FA4F4M
0.8
4.0
V
FA4L4M
0.8
5.0
V
FA4L3M
0.8
3.0
V
FA4L3N
0.6
3.0
V
FA4L3Z
0.5
1.2
V
FA4A3Q
0.5
2.0
V
FA4A4P
0.5
3.0
V
FA4F4N
0.6
3.0
V
FA4L4L
0.9
6.0
V
FA4A4Z
0.5
2.0
V
FA4F4Z
0.5
3.0
V
FA4L4Z
0.5
4.0
V
FA4F3M
0.8
3.0
V
FA4F3P
0.5
2.0
V
FA4F3R
0.5
2.0
V
FA4A4L
0.9
6.0
V
FA4L4K
2.0
8.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com