Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA1F4Z Datasheet(PDF) 1 Page - NEC

Part # BA1F4Z
Description  COMPOUND TRANSISTOR on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

BA1F4Z Datasheet(HTML) 1 Page - NEC

  BA1F4Z Datasheet HTML 1Page - NEC BA1F4Z Datasheet HTML 2Page - NEC BA1F4Z Datasheet HTML 3Page - NEC BA1F4Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1998
©
Document No. D16174EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
BA1F4Z
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
On-chip bias resistor
(R1 = 22 k
Ω)
•
Complementary transistor with BN1F4Z
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
5V
Collector current (DC)
IC(DC)
100
mA
Collector current (Pulse)
IC(pulse) *
200
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 5.0 mA
135
330
600
−
DC current gain
hFE2 **
VCE = 5.0 V, IC = 50 mA
100
290
−
Collector saturation voltage
VCE(sat) **
IC = 5.0 mA, IB = 0.25 mA
0.04
0.2
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.55
0.5
V
High level input voltage
VIH **
VCE = 0.2 V, IC = 5.0 mA
3.0
1.05
V
Input resistance
R1
15.4
22
28.6
k
Ω
Turn-on time
ton
0.2
µs
Storage time
tstg
5.0
µs
Turn-off time
toff
VCC = 5.0 V, RL = 1.0 k
Ω
VI = 5.0 V, PW = 2.0
µs
duty cycle
≤2 %
6.0
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %
hFE CLASSIFICATION
Marking
Q
P
K
hFE1
135 to 270
200 to 400
300 to 600


Similar Part No. - BA1F4Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
More results

Similar Description - BA1F4Z

ManufacturerPart #DatasheetDescription
logo
NEC
CE1F3P NEC-CE1F3P Datasheet
141Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
BB1 NEC-BB1 Datasheet
104Kb / 6P
COMPOUND TRANSISTOR on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1F4Z NEC-AA1F4Z Datasheet
81Kb / 4P
On-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE2A3Q NEC-CE2A3Q Datasheet
232Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HD1 RENESAS-HD1_15 Datasheet
521Kb / 8P
ON-CHIP RESISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR MID-SPEED SWITCHING
HD2 RENESAS-HD2_15 Datasheet
325Kb / 8P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1A3Q RENESAS-AA1A3Q Datasheet
237Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1F4Z RENESAS-AA1F4Z Datasheet
236Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com