Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C555L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # C555L-S08-R
Description  SINGLE TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C555L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  C555L-S08-R Datasheet HTML 1Page - Unisonic Technologies C555L-S08-R Datasheet HTML 2Page - Unisonic Technologies C555L-S08-R Datasheet HTML 3Page - Unisonic Technologies C555L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C555
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-A12.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
Input Voltage
VTH, VTRIG, VRST
-0.3 ~ VCC+0.3
V
Output Current
IO
100
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings and operation rating recommended are those values beyond which the device
could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device
operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7 ~ 15
V
Output Current
IO
20
mA
Operating Temperature
TOPR
-20 ~ 70
°C
ELECTRICAL CHARACTERISTICS (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA=25°C
VCC=7V
200
μA
Supply Current
ICC
VCC=15V
600
μA
Initial Accuracy
ACCUR
5
%
Drift with Supply Voltage
∆t/∆VCC
VCC=7V, RL=1~100kΩ, CL=0.1μF
3
%/C
Control Voltage
VC
0.4×VCC
0.75×VCC
V
Threshold Voltage
VTH
VCC=7V
0.4×VCC
0.70×VCC
V
Trigger Voltage
VTR
VCC=7V
0.28×VCC
0.36×VCC
V
Reset Voltage
VRST
VCC=7~15V
0.4
2.0
V
VCC=7V, IOL=3.2 mA
0.4
V
Low Output Voltage
VOL
VCC=15V, IOL=20mA
1.0
V
VCC=7V, IOL=0.8mA
6.0
V
High Output Voltage
VOH
VCC=15V, IOL=0.8mA
14.3
V
Rise/Fall Time of Output
tTHL, tTLH, VCC=15V, RL=10MΩ, CL=10pF
35
75
ns
Guaranteed Max Osc Freq
fMAX
VCC=7~15V, Astable Operation
500
kHz
TA=-20~70°C
VCC=7V
400
μA
Supply Current
ICC
VCC=15V
800
μA
Initial Accuracy
ACCUR
VCC=7V, RL=1~100kΩ, CL=0.1μF5
%
VCC=5V
0.02
%/°C
Drift with Temperature
∆t/∆T
VCC=15V
0.06
%/°C
Drift with Supply Voltage
∆t/∆VCC
VCC=7V,
RL=1~100kΩ,
CL=0.1μF
VCC=5V
6
%/C
Control Voltage
VC
0.35×VCC
0.80×VCC
V
Threshold Voltage
VTH
VCC=7V
0.35×VCC
0.80×VCC
V
Trigger Voltage
VTR
VCC=7V
0.25×VCC
0.40×VCC
V
Reset Voltage
VRST
VCC=7~15V
0.2
1.5
V
VCC=7V, IOL=3.2mA
0.6
V
Low Output Voltage
VOL
VCC=15V, IOL=20mA
1.5
V
VCC=7V, IOL=0.8mA
5.5
V
High Output Voltage
VOH
VCC=15V, IOL=0.8mA
14
V
Rise/Fall Time of Output
tTHL, tTLH, VCC=7V, RL=10MΩ, CL=10pF
70
150
ns
Guaranteed Max Osc Freq
fMAX
VCC=7~15V, Astable Operation
200
kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com