Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # NE555G-S08-R
Description  SINGLE TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  NE555G-S08-R Datasheet HTML 1Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 2Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 3Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 4Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 5Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 6Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R106-001.G
TYPICAL APPLICATION NOTES
The application circuit shows astable mode configuration.
Pin 6 (Threshold ) is tied to Pin 2 ( Trigger ) and Pin 4 ( reset ) is tied to VCC ( Pin 8 ). The external capacitor C1 of
Pin 6 and Pin 2 charges through RA, RB and dischages through RB only. In the internal circuit of UTC NE555N , one
input of the upper comparator is at voltage of 2/3VCC (R1=R2=R3),another input is connected to Pin 6.As soon as C1
is charging to higher than 2/3VCC, transistor Q1 is turned ON and discharge C1 to collector voltage of transistor Q1.
Therefore, the flip-flop circuit is reset and output is low. One input of lower comparator is at voltage of 1/3Vcc,
discharge transistor Q1 turn off and C1 charges through RA and RB. Therefore, the flip-flop circuit is set output high.
That is, when C1 charges through RA and RB, output is high and when C1 discharge through RB ,output is low.
The charge time(output is high) t1 is 0.693(RA+RB) C1 and the discharge time (output is low) T2 is 0.693 RB×C1.
CC
CC
CC
CC
1
-
In
=
2
-
VV
3
0.693
VV
3
T1=0.693×(RA+RB)×C1
Thus the total period time T is given by
T2=0.693×RB×C1
T=T1+T2=0.693(RA+2RB)×C1.
Then the frequency of astable mode is given by
×
AB
11.44
f=
=
T(R + 2R ) C1
The duty cycle is given by
B
A
B
2R
R
R
T
T2
D.C.
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com