Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USA575G-R20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # USA575G-R20-R
Description  LOW VOLTAGE COMPANDOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA575G-R20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  USA575G-R20-R Datasheet HTML 1Page - Unisonic Technologies USA575G-R20-R Datasheet HTML 2Page - Unisonic Technologies USA575G-R20-R Datasheet HTML 3Page - Unisonic Technologies USA575G-R20-R Datasheet HTML 4Page - Unisonic Technologies USA575G-R20-R Datasheet HTML 5Page - Unisonic Technologies USA575G-R20-R Datasheet HTML 6Page - Unisonic Technologies USA575G-R20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
USA575
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R106-008.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Single Supply Voltage
VCC
-0.3 ~ 8
V
Voltage Applied to Any Other Pin
VIN
-0.3 ~ (VCC+0.3)
V
Operating Ambient Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SSOP-20
117
°C/W
Junction to Ambient
TSSOP-20
θJA
140
°C/W
ELECTRICAL CHARACTERISTICS
(Typical values are at TA=25°C. Minimum and Maximum values are for the full operating temperature range:
-40~+85°C, except SSOP package is tested at +25°C only. VCC=5V, unless otherwise stated. Both channels are
tested in the expandor mode)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FOR COMPANDOR, INCLUDING SUMMING AMPLIFIER
Supply Voltage (Note 1)
VCC
3
5
7
V
Supply Current
ICC
No Signal
3
4.2
5.5
mA
Reference Voltage (Note 2)
VREF
VCC=5V
2.4
2.5
2.6
V
Summing Amp Output Load
RL
10
kΩ
Total Harmonic Distortion
THD
1kHz,0dB BW=3.5kHz
0.12
1.5
%
Output Voltage Noise
ENO
BW=20kHz,RS=0Ω
6
30
µV
Unity Gain Level
0dB
1kHz
-1.5
1.5
dB
Output Voltage Offset
VOS
No Signal
-150
150
mV
Output DC Shift
No Signal to 0dB
-100
100
mV
Gain Cell Input=0dB, 1kHz
Rectifier Input=6dB, 1kHz
-1.0
1.0
dB
Tracking Error Relative to 0dB
Gain Cell Input=0dB, 1kHz
Rectifier Input=-30dB, 1kHz
-1.0
1.0
dB
Crosstalk
1kHz, 0dB, CREF=220µF
-80
-65
dB
FOR OPERATIONAL AMPLIFIER
Output Swing
VO
RL=10kΩ
VCC-0.4
VCC
V
Output Load
RL
1kHz
600
Input Common-Mode Range
CMR
0
VCC
V
Common-Mode Rejection Ratio
CMRR
60
80
dB
Input Bias Current
IB
VIN=0.5V~4.5V
-1
1
µA
Input Offset Voltage
VOS
3
mV
Open-Loop Gain
AVOL
RL=10kΩ
80
dB
Slew Rate
SR
Unity Gain
1
V/µs
Bandwidth
GBW
Unity Gain
3
MHz
Input Voltage Noise
ENI
BW=20kHz
2.5
µV
Power Supply Rejection Ratio
PSRR
1kHz, 250mV
60
dB
Notes: 1. Operation down to VCC=2V is possible, but performance is reduced.
2. Reference voltage, VREF, is typically at 1/2VCC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com