Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USD03WL-CB2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USD03WL-CB2-R
Description  SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USD03WL-CB2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  USD03WL-CB2-R Datasheet HTML 1Page - Unisonic Technologies USD03WL-CB2-R Datasheet HTML 2Page - Unisonic Technologies USD03WL-CB2-R Datasheet HTML 3Page - Unisonic Technologies USD03WL-CB2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USD03W THRU USD36W Preliminary
TVSDIODEFORESDPROTECTION
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R229-004.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Pulse Power (tP=8/20μs)
PPK
320
W
ESD Voltage
VESD
25
kV
Operating Junction Temperature
TJ
-55 ~ +150
°C
Operating Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
Reverse
Stand-Off
Voltage
Reverse
Breakdown
Voltage
Reverse Leakage
Current
Clamping Voltage
(tp=8/20μs)
Off State Junction Capacitance
CJ @ f
VRWM
VBR @ IT
IR @ VR
VC @ IPP
0Vdc Bias
5Vdc Bias
Max.
Min.
IT
Max.
VR
Max.
IPP
Typ.
f
Typ.
f
PART
NUMBER
V
V
mA
μA
V
V
A
pF
MHz
pF
MHz
USD03W
3.3
4.0
1
125
3.3
6.5
1
450
1
150
1
USD05W
5.0
6.0
1
10
5
9.8
1
300
1
100
1
USD08W
8.0
8.5
1
10
8
13.4
1
150
1
80
1
USD12W
12
13.3
1
1
12
19
1
130
1
50
1
USD15W
15
16.7
1
1
15
24
1
120
1
30
1
USD24W
24
26.7
1
1
24
43
1
80
1
10
1
USD36W
36
40
1
1
36
60
1
30
1
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com