Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGA7S019G-15-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # VGA7S019G-15-R16-R
Description  7-CHANNEL INTEGRATED ESD SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VGA7S019G-15-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  VGA7S019G-15-R16-R Datasheet HTML 1Page - Unisonic Technologies VGA7S019G-15-R16-R Datasheet HTML 2Page - Unisonic Technologies VGA7S019G-15-R16-R Datasheet HTML 3Page - Unisonic Technologies VGA7S019G-15-R16-R Datasheet HTML 4Page - Unisonic Technologies VGA7S019G-15-R16-R Datasheet HTML 5Page - Unisonic Technologies VGA7S019G-15-R16-R Datasheet HTML 6Page - Unisonic Technologies VGA7S019G-15-R16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VGA7S019
Preliminary
TVS DIODE
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R223-024.c
ABSOLUTE MAXIMUM RATING over operating free-air temperature range (unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC_VIDEO,
VCC_DDC, VCC_SYNC
-0.5~6.0
V
IO Voltage
VIDEOx Pins
VIO(VIDEO)
-0.5~VCC_VIDEO
V
Input Voltage
SYNC Pins
VI(SYNC)
-0.5~VCC_SYNC
V
Input Voltage
DDC_INx Pins
VI(DDC)
-0.5~6.0
V
Output Voltage
DDC_INx Pins
VO(DDC)
-0.5~6.0
V
IEC 61000-4-2 Contact
Discharge
VIDEO, DDC_OUT,
SYNC_OUT Pins
±8
kV
VIDEO, DDC_OUT,
SYNC_OUT Pins
±15
kV
HBM ESD
VCC, DDC_IN, SYNC_IN,
BYP Pins
±2
kV
Storage Temperature
TSTG
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC_VIDEO, VCC_DDC,
VCC_SYNC
0
5.5
V
IO Voltage
VIDEOx Pins
VIO(VIDEO)
0
VCC_VIDEO
V
Input Voltage
SYNC Pins
VI(SYNC)
0
VCC_SYNC
V
Input Voltage
DDC_INx Pins
VI(DDC)
0
5.5
V
Output Voltage
DDC_INx Pins
VO(DDC)
0
5.5
V
Operating temperature
TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com