Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGA7S019L-55-R16-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # VGA7S019L-55-R16-T
Description  7-CHANNEL INTEGRATED ESD SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VGA7S019L-55-R16-T Datasheet(HTML) 7 Page - Unisonic Technologies

  VGA7S019L-55-R16-T Datasheet HTML 1Page - Unisonic Technologies VGA7S019L-55-R16-T Datasheet HTML 2Page - Unisonic Technologies VGA7S019L-55-R16-T Datasheet HTML 3Page - Unisonic Technologies VGA7S019L-55-R16-T Datasheet HTML 4Page - Unisonic Technologies VGA7S019L-55-R16-T Datasheet HTML 5Page - Unisonic Technologies VGA7S019L-55-R16-T Datasheet HTML 6Page - Unisonic Technologies VGA7S019L-55-R16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
VGA7S019
Preliminary
TVS DIODE
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R223-024.c
TYPICAL APPLICATION CIRCUIT
RT
VGA Controller
0.22µF
0.1µF
3.3V
5V
0.1µF
5V
5V
5V
RP
RP
BYP
VCC_DDC
VCC_VDEO
VCC_SYNC
VIDEO1
VIDEO2
VIDEO3
SYNC_IN2
SYNC_IN1
DDC_IN2
DDC_IN1
SYNC_OUT2
SYNC_OUT1
DDC_OUT2
DDC_OUT1
UTC
VGA7S019
0.1µF
Red
Green
Blue
HSYNC
VSYNC
DDC_CLK
DDC_DAT
VGA Connector
RP: Pullup resistor for the DDC data and clock lines. Typically system designer selects 47kΩ pullup values
RT: Line termination resistor for the RGB lines. RT is selected to match the transmission line. For a single-ended
transmission line, RT can be anywhere from 50Ω to 75Ω depending on board trace impedance.
Some systems may require additional filters at the SYNC and RGB lines.
The UTC VGA7S019 should be placed as close to the VGA port as possible.
The ESD protection channels VIDEO1, VIDEO2, VIDEO3 are identical circuits, they can be used interchangeably
between the R, G, B signals.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com