Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGA7S019G-65-R16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # VGA7S019G-65-R16-R
Description  7-CHANNEL INTEGRATED ESD SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VGA7S019G-65-R16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  VGA7S019G-65-R16-R Datasheet HTML 1Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 2Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 3Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 4Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 5Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 6Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
VGA7S019
Preliminary
TVS DIODE
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R223-024.c
7-CHANNEL INTEGRATED
ESD SOLUTION FOR VGA
PORT WITH INTEGRATED
LEVEL SHIFTER AND
MATCHING IMPEDANCE
DESCRIPTION
The UTC VGA7S019 is an ESD solution for the VGA or DVI-I
port connector. This device integrates ESD protection for all
signals, level shifting for the DDC signals and buffering for the
SYNC signals. ESD protection for the VIDEO, DDC and SYNC
lines is implemented with low-capacitance current steering
diodes.
Separate positive supply rails are provided for the VIDEO, DDC and SYNC channels to facilitate interfacing with
low voltage video controller ICs to provide design flexibility in multi-supply-voltage environments.
Two non-inverting drivers provide buffering for the HSYNC and VSYNC signals from the video controller IC
(SYNC1, SYNC2). These buffers accept TTL input levels and convert them to CMOS output levels that swing
between Ground and VCC_SYNC, which is typically 5V. Additionally, each driver has a series termination resistor
(RT) connected to the SYNC_OUT pin, eliminating the external termination resistors typically required for the
HSYNC and VSYNC lines of the video cable. At the SYNC output the UTC VGA7S019 offers 65-Ω, 55-Ω, or 15-Ω
series termination resistor option to match different transmission line impedances.
Two N-channel MOSFETs provide the level shifting function required when the DDC controller is operated at a
lower supply voltage than the monitor. The gate terminals for the MOSFETs (VCC_DDC) should be connected to the
supply rail (typically 3.3V) that supplies power to the transceivers of the DDC controller.
The UTC VGA7S019 confirms the IEC61000-4-2 (Level 4) system level ESD protection and ±15KV HBM ESD
protection. This device is offered in space-saving SSOP-16 packages.
FEATURES
* 7 Channels of ESD protection for all VGA port connector
pins meeting IEC-61000-4-2 Level 4 ESD requirements
(±8kV contact discharge)
* Integrated impedance matching resistors on sync lines:
–
VGA7S019-15: 15Ω Termination
–
VGA7S019-55: 55Ω Termination
–
VGA7S019-65: 65Ω Termination
* Includes ESD protection, level-shifting, buffering and
sync impedance matching
* 5V drivers for HSYNC and VSYNC lines
* Very low loading capacitance from ESD protection
diodes on VIDEO lines (2.5pF)
* Bi-Directional level shifting N-Channel FETs
provided for DDC_CLK and DDC_DATA channels
* Flow-Through single-in-line pin mapping ensures no
additional board layout burden while placing the ESD
protection chip near the connector


Similar Part No. - VGA7S019G-65-R16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
VGA7S019G-XX-R16-R UTC-VGA7S019G-XX-R16-R Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019G-XX-R16-T UTC-VGA7S019G-XX-R16-T Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
More results

Similar Description - VGA7S019G-65-R16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Vectron International, ...
TM-056 VECTRON-TM-056 Datasheet
370Kb / 7P
Integrated Timing Solution
logo
Texas Instruments
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
13-Channel ESD Protection Solution
TPD7S019 TI1-TPD7S019_15 Datasheet
1Mb / 21P
7-Channel Integrated ESD Solution for VGA Port
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com