Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1008 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1008
Description  Surface Mount Wirewound Shielded Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1008 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1008 Datasheet HTML 1Page - Vishay Siliconix ISC-1008 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISC-1008
Vishay Dale
www.vishay.com
54
For technical questions, contact Magnetics@vishay.com
Document Number 34173
Revision 12-May-05
DESCRIPTION
10
µH
INDUCTANCE
VALUE
ISC-1008
MODEL
± 20%
INDUCTANCE
TOLERANCE
Surface Mount Wirewound Shielded Inductor
FEATURES
• Excellent solderability and resistance to soldering heat.
• Suitable for reflow soldering.
• High reliability and easy surface mount assembly.
•Wide range of inductance values available.
•Tape and reel packaging for automatic handling, 750/reel,
EIA 481.
• 100% Lead (Pb)-free and RoHS compliant.
ELECTRICAL SPECIFICATIONS
Inductance Range: 1µH to 1000µH.
Operating Temperature: - 40°C to 85°C.
Storage Temperature: - 40°C to 125°C.
Material: Ferrite with magnetic shield.
TEST EQUIPMENT
• Inductance and Q is measured in HP-4286A RF LCR
meter with HP-16193 fixture.
• SRF is measured in HP-8753E RF network analyzer.
• DCR is measured in HP-4338B millohmeter.
STANDARD ELECTRICAL SPECIFICATIONS
SELF-
*RATED
IND.
Q
RESONANT
DCR
DC
(
µH)
MIN.
FREQ. MIN.
MAX.
CURRENT
@100KHz
TOL.
@1MHz
(MHz)
(Ohms)
(mA)
1.0
± 20%
35
344
0.05
1000
1.5
± 20%
35
260
0.06
800
1.8
± 20%
35
225
0.09
680
2.7
± 20%
38
185
0.14
650
3.9
± 20%
38
175
0.26
650
4.7
± 20%
38
160
0.35
500
5.6
± 20%
38
150
0.40
450
6.8
± 20%
38
120
0.60
400
10
± 20%
38
100
0.95
250
15
± 20%
38
35
1.15
220
22
± 20%
40
26
1.40
180
33
± 20%
45
20
1.60
150
39
± 20%
45
14
1.85
130
47
± 20%
45
14
2.50
110
68
± 20%
45
12
3.80
100
82
± 20%
45
9.0
4.20
100
100
± 20%
45
7.0
5.80
80
120
± 20%
45
6.0
6.20
60
150
± 20%
40
5.6
7.50
50
220
± 20%
40
4.0
10.0
50
330
± 20%
40
3.8
11.5
50
470
± 20%
35
2.0
16.5
50
560
± 20%
35
2.0
18.0
30
680
± 20%
30
1.8
24.0
30
820
± 20%
30
1.5
26.0
30
1000
± 20%
30
1.3
30.0
30
AB
C
0.080 ± 0.004
0.063 ± 0.008
0.098 ± 0.004
[2.00 ± 0.1]
[1.60 ± 0.2]
[2.50 ± 0.1]
LENGTH (L)
WIDTH (W)
HEIGHT (H)
TERMINAL (S)
0.142 ± 0.008
0.142 ± 0.008
0.098 ± 0.008
0.020 ± 0.004
[3.60 ± 0.2]
[3.60 ± 0.2]
[2.50 ± 0.2]
[0.50 ± 0.1]
DIMENSIONS in inches [millimeters]
RECOMMENDED PATTERN
*For 15°C rise
A
B
C
W
A
L
S
B
H
C
AB
C
0.128
0.049
0.098
[3.25]
[1.25]
[2.50]
ER
PACKAGE
CODE
e3
JEDEC
STANDARD
GLOBAL PART NUMBER
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
I
S
C
1
00
8
ER
1
0
0M


Similar Part No. - ISC-1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1008 VISHAY-ISC-1008 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results

Similar Description - ISC-1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
154Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC-0603-01 VISHAY-IMC-0603-01 Datasheet
143Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
logo
Bourns Electronic Solut...
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
logo
Vishay Siliconix
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com