Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD68PL Datasheet(PDF) 4 Page - NEC

Part # NNCD68PL
Description  5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD68PL Datasheet(HTML) 4 Page - NEC

  NNCD68PL Datasheet HTML 1Page - NEC NNCD68PL Datasheet HTML 2Page - NEC NNCD68PL Datasheet HTML 3Page - NEC NNCD68PL Datasheet HTML 4Page - NEC NNCD68PL Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet D15989EJ1V0DS
4
NNCD6.8PL
Figure 4. SURGE REVERSE POWER RATING
100
1
10
1000
10000
1 m
10 m
100 m
TA = 25˚C
Non-repetitive
tr
1
µ
10
µ
100
µ
tr - Pulse Width - s
Figure 5. TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS
10
1
100
1000
1 m
10 m
100 m
1
10
100
1000
100
µ
When using glass epoxy board of
10 x 7.5 x 0.75 mm
625˚C/W
Time - s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com