Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD68RG Datasheet(PDF) 4 Page - NEC

Part # NNCD68RG
Description  LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD68RG Datasheet(HTML) 4 Page - NEC

  NNCD68RG Datasheet HTML 1Page - NEC NNCD68RG Datasheet HTML 2Page - NEC NNCD68RG Datasheet HTML 3Page - NEC NNCD68RG Datasheet HTML 4Page - NEC NNCD68RG Datasheet HTML 5Page - NEC NNCD68RG Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D15990EJ2V0DS
4
NNCD6.8RG
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
1000°C/W
0.1
1
10
100
0.001
0.01
0.1
1
10
Figure 5. TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS
Time t (s)
Figure 6
. SURGE REVERSE POWER RATINGS
tT - Pulse Width (ms)
5
tT
TA = 25˚C
Non - Repetitive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com