Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4AM03MH5 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 4AM03MH5
Description  4AM03MH5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

4AM03MH5 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  4AM03MH5 Datasheet HTML 1Page - Sanyo Semicon Device 4AM03MH5 Datasheet HTML 2Page - Sanyo Semicon Device 4AM03MH5 Datasheet HTML 3Page - Sanyo Semicon Device 4AM03MH5 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4AM03MH5
No.7432-2/4
DC 特性 DC Characteristics / Ta=25℃
min
typ
max
unit
高レベル入力電圧
VIH
VDD=5V
3.5
V
VDD=10V
7.0
V
VDD=15V
11.0
V
VDD=25V
18.0
V
低レベル入力電圧
VIL
VDD=5V
1.5
V
VDD=10V
3.0
V
VDD=15V
4.0
V
VDD=25V
7.0
V
入力もれ電流
IIN
VDD=25V, VIN=25V
0.1
µA
VDD=25V, VIN=0
0.1
µA
低レベル出力電圧
VOL
VDD=5V, IO=1mA
0.5
V
VDD=10V, IO=2.5mA
1.0
V
VDD=15V, IO=5.0mA
1.5
V
VDD=25V, IO=10mA
2.5
V
電源電流
IDD
VDD=5V, VIN=VDD, GND
0.25
µA
VDD=10V, VIN=VDD, GND
0.5
µA
VDD=15V, VIN=VDD, GND
1.0
µA
VDD=25V, VIN=VDD, GND
2.0
µA
AC 特性 AC Characteristics / Ta=25℃
min
typ
max
unit
伝播遅延時間
tPZL
VDD=5V, RL=1.5kΩ
40
ns
VDD=10V, RL=1kΩ
20
ns
VDD=15V, RL=750Ω
15
ns
VDD=25V, RL=500Ω
12
ns
tPLZ
VDD=5V, RL=1.5kΩ
30
ns
VDD=10V, RL=1kΩ
20
ns
VDD=15V, RL=750Ω
15
ns
VDD=25V, RL=500Ω
12
ns
入力容量
CIN
8pF
ブロック図
・バッファ
(オープンドレイン)
・ローサイドスイッチ(インバータ入力)
スイッチングタイム測定回路図
スイッチングタイム波形図
5
VDD
OUT
等価回路
123
NC
IN
GND
54
VDD
OUT
123
NC
IN
GND
4
VDD
OUT
CL=10pF
IN
RL
Input
10ns
10ns
Output
10%
50%
50%
tPZL
tPLZ
GND
VOL
VDD
VDD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com