Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM65352 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM65352 Datasheet HTML 1Page - OKI electronic componets MSM65352 Datasheet HTML 2Page - OKI electronic componets MSM65352 Datasheet HTML 3Page - OKI electronic componets MSM65352 Datasheet HTML 4Page - OKI electronic componets MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VDD
GND
RAM
(256 bytes)
TBC
WDT
8-bit TIMER ¥ 2
T1OUT*
T0CK*
GATE*
SFTO1*
SFTI1*
SFTCK1*
INTERRUPT CONT.
INT0*
INT1*
REMOTE CONT.
RMCIN*
BUS
CONT.
ROM
(8K bytes)
I/O PORT
4-bit A/D C
¥ 8ch
GMAR
PC
LMAR
SP
PSW
BR
AR
ALU
IR
T/C
INST.
DEC.
OSC.
CONT.
XT
XT
OCS0
OSC1
RESET
HSTOP*
CLKOUT*
*Secondary function of each port.
**P4: for the MSM65352
SEG16-19: for the MSM65352B
SIO (SYNC MODE)
WATCH TIMER
LCD DRIVER
CPU CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com