Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40FDR10 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 40FDR10
Description  Fast Recovery Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40FDR10 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  40FDR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40FDR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40FDR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40FDR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40FDR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40FDR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Low stored charge
Wide current range
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 6
Fast Recovery Diodes
Nell High Power Products
Excellent surge capabilities
(Stud Version), 40A
DO-203AB(DO-5)
PRODUCT SUMMARY
IF(AV)
40A
Short reverse recovery time
Available
RoHS*
COMPLIANT
Stud cathode and stud anode versions
Voltage up to 1200 VRRM
Compliant to RoHS
DC power supplies
lnverters
Converters
40FD(R)Series
Choppers
Ultrasonic systems
Freewheeling diodes
www.nellsemi.com
MAJOR RATINGS AND CHARACTERISTICS
UNIT
V
IFSM
IF(AV)
2
I
t
2
A s
A
CHARACTERISTICS
Maximum TC
ns
A
200 to 1200
50 HZ
60 HZ
50 HZ
60 HZ
Range
ºC
-40 to 125
SYMBOL
2
I √t
VRRM
trr
TJ
Range
See Recovery Characteristics table
2
I √t
2
I √s
40FD(R)
40
85
475
500
1128
1038
11281
ºC
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REVERSE VOLTAGE
T = -40°C TO 125°C
J
08
10
02
04
200
400
600
800
06
1000
PEAK REPETITIVE
12
1200
40FD(R)
VRSM, MAXIMUM PEAK
REVERSE VOLTAGE
T = 25°C TO 125°C
J
CURRENT AT RATED VRRM
T = 125°C
J
mA
300
500
700
900
10
1100
1300
NON-REPETITIVE
IFM, MAXIMUM PEAK REVERSE
T = 25°C
J
0.1
V
V


Similar Part No. - 40FDR10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40FDR10A NELLSEMI-40FDR10A Datasheet
703Kb / 6P
Fast Recovery Diodes (Stud Version), 40A
40FDR10B NELLSEMI-40FDR10B Datasheet
703Kb / 6P
Fast Recovery Diodes (Stud Version), 40A
More results

Similar Description - 40FDR10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Rohm
RF05VA2S ROHM-RF05VA2S Datasheet
43Kb / 1P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com