Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16T10AFSW Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 16T10AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T10AFSW Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  16T10AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T10AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T10AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T10AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T10AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T10AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T10AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Applications
Snubberless,
and Standard
Logic Level
Features
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
16
A
V
mA
5 to 50
600 to 1000
SEMICONDUCTOR
16T Series RoHS
RoHS
TRIACs, 16A
● Medium current Triac
● Low thermal resistance with clip bonding
● Low thermal resistance insulation ceramic for
● High commutation (4Q) or very high
● RoHS compliant, UL certified (File NO:E320098)
● Insulated tab (16TxxAI series, rated at 2500 V
)
RMS
● Snubberless versions (With Suffix W) especially
recommended for use on inductive loads, because
of their high commutation performances
● On/off or phase angle function in applications such
as static relays, light dimmers and appliance motor
speed controllers
PARAMETER
Device summary
SYMBOL
(1)
16TxxAI
16TxxA
commutation (3Q) capability
insulated 16T
Available either in through-hole or surface-mount
packages, the 16TxxA and 16TxxAl triacs series
are suitable for general purpose mains power AC
switcging
Description
Note 1: Insulated
1
2
3
TO-220AB (lnsulated)
(16TxxAI)
TO-220AB (non-Insulated)
(16TxxA)
A2
A2
G
A1
2
TO-263 (D PAK)
(16TxxH)
A2
TO-220F (ITO-220AB)
(16TxxAF)
Triggering gate current
Triggering gate current
Triggering gate current
Repetitive peak off-state voltage
On-state RMS current
lT(RMS)
V
/V
DRM
RRM
I
(Snubberless)
GT
I
(Logic level)
GT
I
(Standard)
GT
600/800/1000
16
35/50
10
25/50
600/800/1000
16
35/50
10
25/50
www.nellsemi.com
Page 1 of 7
G
A1
A2
2(A2)
3(G)
1(A1)


Similar Part No. - 16T10AFSW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T10A-B NELLSEMI-16T10A-B Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
16T10A-BW NELLSEMI-16T10A-BW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
16T10A-C NELLSEMI-16T10A-C Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
16T10A-CW NELLSEMI-16T10A-CW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
16T10A-SW NELLSEMI-16T10A-SW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
More results

Similar Description - 16T10AFSW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com