Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12T10AFSW Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 12T10AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12T10AFSW Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  12T10AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12T10AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12T10AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12T10AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12T10AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12T10AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 12T10AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
12T Series
www.nellsemi.com
Page 1 of 7
RoHS
RoHS
G
A2
A1
TRIACs, 12A
Snubberless, Logic Level and Standard
1
2
3
TO-220AB (lnsulated)
(12TxxAI)
TO-220AB (non-Insulated)
(12TxxA)
SYMBOL
IT(RMS)
RMS on-state current (full sine wave)
TO-263/TO-220AB
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
2
I t
2
I t Value for fusing
72
2
A s
dI/dt
Critical rate of rise of on-state current
I = 2xl
, t ≤100ns
G
GT
r
50
IGM
Peak gate current
4
PG(AV)
Average gate power dissipation
1
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
120
126
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F =100 Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
TO-220AB insulated/TO-220F (ITO-220AB)
T = 105ºC
c
T = 90ºC
c
A2
A2
G
A1
2
TO-263 (D PAK)
(12TxxH)
FEATURES
APPLICATIONS
Medium current triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic
for insulated TO-220AB package
High commutation (4Q) or very high
commutation (3Q) capability
12T series are UL certified (File ref: E320098)
Packages are RoHS compliant
ON/OFF or phase angle function in applications
such as static relays, light dimmers and appliance
motors speed controllers.
The snubberless versions (with suffix W) are
especially recommended for use on inductive loads,
because of their high commutation performances.
The 12T series provides an insulated tab (rated at
2500V
).
RMS
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
12
A
V
mA
5 to 50
600 to 1000
12
A2
TO-220F(ITO-220AB)
(12TxxAF)
2(A2)
3(G)
1(A1)


Similar Part No. - 12T10AFSW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12T10A-B NELLSEMI-12T10A-B Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
12T10A-BW NELLSEMI-12T10A-BW Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
12T10A-C NELLSEMI-12T10A-C Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
12T10A-CW NELLSEMI-12T10A-CW Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
12T10A-SW NELLSEMI-12T10A-SW Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
More results

Similar Description - 12T10AFSW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com