Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM65352B Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM65352B
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352B Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM65352B Datasheet HTML 7Page - OKI electronic componets MSM65352B Datasheet HTML 8Page - OKI electronic componets MSM65352B Datasheet HTML 9Page - OKI electronic componets MSM65352B Datasheet HTML 10Page - OKI electronic componets MSM65352B Datasheet HTML 11Page - OKI electronic componets MSM65352B Datasheet HTML 12Page - OKI electronic componets MSM65352B Datasheet HTML 13Page - OKI electronic componets MSM65352B Datasheet HTML 14Page - OKI electronic componets MSM65352B Datasheet HTML 15Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
¡ Semiconductor
MSM65352/65352B
AC Characteristics
• CPU control
• Peripheral control 1
Parameter
Symbol
Condition
Unit
tC
VDD = 4.5 to 5.5V
Min.
Max.
—
(VDD = 2.7 to 5.5V, GND = 0V, Ta = –20 to +70˚C)
100
ns
OSC
Clock Cycle
—
0.55 tC
0.45 tC
EXI
External Interrupt
Pulse Width
tEXIW
—
4 tC
—
2.7V £ VDD < 4.5V
—
200
tCLW
Clock "L" Pulse Width
RESET Pulse Width
tRESW
(VDD = 2.7 to 5.5V, GND = 0V, Ta = –20 to +70˚C)
ns
Parameter
Symbol
Condition
Unit
—
Min.
Max.
—
20
• Peripheral control 2
See Timing Diagram.
Parameter
Symbol
Condition
Unit
tC
VDD = 4.5 to 5.5V
Min.
Max.
—
(VDD = 2.7 to 5.5V, GND = 0V, Ta = –20 to +70˚C)
100
ns
OSC
Clock Cycle
2.7V £ VDD < 4.5V
—
200
SFTCK1 Cycle
tSFC
SFT1
SFTCK1 "L" Pulse Width
tSFCLW
SFTCK1 "H" Pulse Width
tSFCHW
CL = 100 pF
—
—
—
8 tC
4 tC –20
4 tC –20
SFTO1 Setup Time
tSFOS
SFTO1 Hold Time
tSFOH
SFTI1 Setup Time
tSFIS
SFTI 1Hold Time
tSFIH
—
—
tSFCLW–100
tSFCHW–100
—
—
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com