Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1604792 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1604792
Description  Housing - HC-B 16-SMQ-84/O1M25
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1604792 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1604792 Datasheet HTML 1Page - PHOENIX CONTACT 1604792 Datasheet HTML 2Page - PHOENIX CONTACT 1604792 Datasheet HTML 3Page - PHOENIX CONTACT 1604792 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1604792
12/9/13   Page 1 / 4
Housing - HC-B 16-SMQ-84/O1M25 - 1604792
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON box mounting base B16, with double locking latch, height 84 mm, with support 1xM25
The figure shows the article as type
B 24
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
501.39 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
84 mm
Width
57 mm
Length
117 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-B16, BB32, D40, DD72, HS6, M, K
Design
B16
Housing type
Box mounting bases
Locking type
With double locking latch


Similar Part No. - 1604792

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604790 PHOENIX-1604790 Datasheet
73Kb / 4P
Housing - HC-B 16-SMQ-67/O2M25
logo
Weidmuller
1604790000 WEIDMULLER-1604790000 Datasheet
356Kb / 5P
SL 3.50/04/180 3.2SN OR BX
logo
PHOENIX CONTACT
1604793 PHOENIX-1604793 Datasheet
65Kb / 4P
Housing - HC-B 16-SMQ-84/O1M32
1604794 PHOENIX-1604794 Datasheet
69Kb / 4P
Housing - HC-B 16-SMQ-84/O2M32
1604795 PHOENIX-1604795 Datasheet
101Kb / 3P
HC-B 16-TFL-45/O1M25G
More results

Similar Description - 1604792

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460167 PHOENIX-1460167 Datasheet
71Kb / 3P
Housing - HC-B 16-SMQ-84/O1PG29
1604755 PHOENIX-1604755 Datasheet
70Kb / 4P
Housing - HC-B 10-SMQ-74/O1M25
1604788 PHOENIX-1604788 Datasheet
91Kb / 6P
Housing - HC-B 16-SMQ-67/O1M25
1604793 PHOENIX-1604793 Datasheet
65Kb / 4P
Housing - HC-B 16-SMQ-84/O1M32
1604794 PHOENIX-1604794 Datasheet
69Kb / 4P
Housing - HC-B 16-SMQ-84/O2M32
1604835 PHOENIX-1604835 Datasheet
91Kb / 6P
Housing - HC-B 24-SMQ-67/O1M25
1604837 PHOENIX-1604837 Datasheet
92Kb / 6P
Housing - HC-B 24-SMQ-84/O2M32
1645723 PHOENIX-1645723 Datasheet
63Kb / 3P
Housing - HC-B 24-SMQ-84/O2M40
1677924 PHOENIX-1677924 Datasheet
69Kb / 3P
Housing - HC-B 16-SMQ-84/O1PG21
1677937 PHOENIX-1677937 Datasheet
61Kb / 3P
Housing - HC-B 16-SMQ-84/O2PG21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com