Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM65355 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM65355 Datasheet HTML 9Page - OKI electronic componets MSM65355 Datasheet HTML 10Page - OKI electronic componets MSM65355 Datasheet HTML 11Page - OKI electronic componets MSM65355 Datasheet HTML 12Page - OKI electronic componets MSM65355 Datasheet HTML 13Page - OKI electronic componets MSM65355 Datasheet HTML 14Page - OKI electronic componets MSM65355 Datasheet HTML 15Page - OKI electronic componets MSM65355 Datasheet HTML 16Page - OKI electronic componets MSM65355 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
¡ Semiconductor
MSM65355
• A/D Converter Characteristics 1
(VDD=AVDD=VRH=4.5 to 5.5V, GND=AGND=0V, Ta=–20 to +75°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Resolution
n
—
bit
Linearity Error
EL
+1.5
Differential Linearity Error
ED
±0.5
Zero Scale Error
EZS
+1.5
Full Scale Error
EFS
–1.5
Crosstalk
ECT
±0.5
Analog input source impedance
RI £ 5kW
Typ.
8
—
—
—
—
—
—
—
—
—
—
—
Conversion Time *
tCONV
—
16
—
–1.5
See the recommended circuit.
See the measuring circuit.
fOSC=10 MHz
LSB
LSB
LSB
LSB
LSB
ms/CH
*
The conversion just after setting GO bit to "1" : 14.8ms/CH
• A/D Converter Characteristics 2
(VDD=AVDD=VRH, 2.7V £ VDD < 4.5V, GND=AGND=VRL=0V, Ta=–20 to +75°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Resolution
n
—
bit
Linearity
EL
+2
Differential Linearity Error
ED
±1
Zero Scale Error
EZS
+2
Full Scale Error
EFS
–2
Crosstalk
ECT
±1
Analog input source impedance
RI £ 5kW
Typ.
8
—
—
—
—
—
—
—
—
—
—
—
Conversion Time *
tCONV
—
32
—
–2
See the recommended circuit.
See the measuring circuit.
fOSC=5 MHz
LSB
LSB
LSB
LSB
LSB
ms/CH
*
The conversion just after setting GO bit to "1" : 29.6ms/CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com