Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4336 Datasheet(PDF) 3 Page - NEC

Part # 2SC4336
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4336 Datasheet(HTML) 3 Page - NEC

  2SC4336 Datasheet HTML 1Page - NEC 2SC4336 Datasheet HTML 2Page - NEC 2SC4336 Datasheet HTML 3Page - NEC 2SC4336 Datasheet HTML 4Page - NEC 2SC4336 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet D17261EJ1V0DS
3
2SC4336
TYPICAL CHARACTERISTICS (TA = 25°C)
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
DERATING CURVE OF SAFE OPERATING AREA
0
5
10
15
20
25
30
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
0
20
40
60
80
100
0
25
50
75
100
125
150
S/b Limited
Dissipation Limited
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.01
0.1
1
10
100
0.1
1
10
100
1000
IC(pulse)
IC(DC)
Single pulse
TC = 25°C
1 ms
10 ms
200 ms
DC Dissipation Limited
VCE - Collector to Emittor Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Rth(ch-A) = 62.5°C/W
Rth(ch-C) = 4.17°C/W
Single pulse
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com