Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4811 Datasheet(PDF) 1 Page - NEC

Part # 2SC4811
Description  NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4811 Datasheet(HTML) 1 Page - NEC

  2SC4811 Datasheet HTML 1Page - NEC 2SC4811 Datasheet HTML 2Page - NEC 2SC4811 Datasheet HTML 3Page - NEC 2SC4811 Datasheet HTML 4Page - NEC 2SC4811 Datasheet HTML 5Page - NEC 2SC4811 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D15602EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
DARLINGTON POWER TRANSISTOR
2SC4811
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SC4811 is a high-speed Darlington power transistor. This transistor is ideal for high-precision control such
as PWM control for pulse motors or brushless motors in OA and FA equipment.
In addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus
contributing to mounting cost reduction.
FEATURES
• Auto-mounting possible in radial taping specifications
• Resin-molded insulation type package with power rating of 1.8 W in stand-alone conditions
• On-chip C-to-E reverse diode
• Fast switching speed
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
100
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
8.0
V
Collector current (DC)
IC(DC)
±8.0
A
Collector current (pulse)
IC(pulse)*
±16
A
Base current (DC)
IB(DC)
0.8
A
Total power dissipation
PT**
1.8
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 300
µs, duty cycle ≤ 10%
** Ta = 25
°C


Similar Part No. - 2SC4811

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4811 RENESAS-2SC4811 Datasheet
282Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
More results

Similar Description - 2SC4811

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1720 NEC-2SA1720 Datasheet
113Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SD2217 NEC-2SD2217 Datasheet
100Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SA1840 NEC-2SA1840 Datasheet
124Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SA1841 NEC-2SA1841 Datasheet
194Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SC4810 NEC-2SC4810 Datasheet
120Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SD560 NEC-2SD560 Datasheet
90Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD1592 NEC-2SD1592 Datasheet
89Kb / 4P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING
2SD2165 NEC-2SD2165 Datasheet
118Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD1843 NEC-2SD1843 Datasheet
76Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SA1714 NEC-2SA1714 Datasheet
141Kb / 6P
PNP SILICON EPITAXIAL POWER TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com