Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD560 Datasheet(PDF) 2 Page - NEC

Part # 2SD560
Description  NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD560 Datasheet(HTML) 2 Page - NEC

  2SD560 Datasheet HTML 1Page - NEC 2SD560 Datasheet HTML 2Page - NEC 2SD560 Datasheet HTML 3Page - NEC 2SD560 Datasheet HTML 4Page - NEC 2SD560 Datasheet HTML 5Page - NEC 2SD560 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D14863EJ3V0DS
2
2SD560
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 100 V, IE = 0 A
1.0
µA
hFE1
VCE = 2.0 V, IC = 3.0 A
Note
2,000
6,000
15,000
DC current gain
hFE2
VCE = 2.0 V, IC = 5.0 A
Note
500
Collector saturation voltage
VCE(sat)
IC = 3.0 A, IB = 3.0 mA
Note
0.9
1.5
V
Base saturation voltage
VBE(sat)
IC = 3.0 A, IB = 3.0 mA
Note
1.6
2.0
V
Turn-on time
ton
1.0
µs
Storage time
tstg
3.5
µs
Fall time
tf
IC = 3.0 A, RL = 16.7
Ω,
IB1 =
−IB2 = 3.0 mA, VCC ≅ 50 V
Refer to the test circuit.
1.2
µs
Note Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
MB
LB
KB
hFE1
2,000 to 5,000
3,000 to 7,000
5,000 to 15,000
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com