Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD414 Datasheet(PDF) 2 Page - NEC

Part # 2SD414
Description  PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD414 Datasheet(HTML) 2 Page - NEC

  2SD414 Datasheet HTML 1Page - NEC 2SD414 Datasheet HTML 2Page - NEC 2SD414 Datasheet HTML 3Page - NEC 2SD414 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D16141EJ2V0DS
2
2SB548, 549/2SD414, 415
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)
Note
Temperature T (
°C)
Note
1.
Tc = 25
°C
2.
Derate the dissipation limited
area by case temperature and
duty cycle.
3.
S/b limited area is a single
pulse. Derate this area by
Collector to Emitter Voltage VCE (V)
Case Temperature Tc (
°C)
Collector to Emitter Voltage VCE (V)
Pulse Width PW (ms)
Collector to Emitter Voltage VCE (V)
1.
Tc = 25
°C
2.
Derate the dissipation limited
area by case temperature and
duty cycle.
3.
S/b limited area is a single
pulse. Derate this area by case
temperature.
Note
1. 1 mm aluminum board
for heatsink
2. No insulating board
3. Silicon grease coating
4. Horizontal level
With infinite heatsink
Without te heatsink
Note



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com