Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P034-010 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P034-010
Description  Computer Power Cable, C19 to 5-15P - Heavy Duty, 15A, 125V, 14 AWG, 10 ft., Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P034-010 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P034-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P034-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
INPUT
Maximum Input Amps
15
Cable Length (ft.)
10
Cable Length (m)
3.1
Voltage Compatibility (VAC)
125
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
14
Wire Gauge (OD - mm²)
2.08
Shipping Dimensions (hwd / in.)
12.80 x 8.90 x 0.50
Shipping Dimensions (hwd / cm)
32.51 x 22.61 x 1.27
Shipping Weight (lbs.)
1.10
Shipping Weight (kg)
0.50
Color
Black
Number of Conductors
3
CONNECTIONS
Side A - Connector 1
NEMA 5-15P
Side B - Connector 1
IEC-320-C19
SPECIAL FEATURES
High Voltage
No
Heavy-Duty
Yes
Locking Plug
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com