Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P060-006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P060-006
Description  UK Plug to C5, UK Computer Power Cable - BS1363 to C5, 2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P060-006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P060-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P060-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
UK Plug to C5, UK Computer Power Cable -
BS1363 to C5, 2.5A, 250V, 18 AWG, 6 ft. (1.8 m),
Black
MODEL NUMBER: P060-006
UK computer power cord connects your computer or peripheral with a C6 inlet to any grounded AC power
outlet that accepts BS1363 plugs.
Features
UK Plug to C5 Power Cord Connects Notebook Computers to a BS1363 AC Outlet
This UK computer power cable is designed for connecting a notebook computer, laptop or other device
with a three-slot C6 inlet to a UPS system, PDU or other BS1363 outlet. It is also a durable replacement
for a worn-out or lost laptop power cord. The six-foot (1.8-meter) length allows you flexibility in placing
equipment with respect to the power outlet.
Highlights
UK computer power cable for
powering notebooks and laptops
with C6 inlets
q
6 ft. (1.8 m) length allows
flexibility in placing devices in
relationship to AC outlet
q
Ideal replacement for worn-out
or missing UK IEC power cord
q
Applications
Connect a laptop or notebook
computer to a PDU up to 6 ft.
(1.8 m) away in your workstation
q
Extend an existing power
connection up to 6 ft. (1.8 m) to
more easily place a device or
reach a power source
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P060-006 BS1363 to C5 UK
Computer Power Cable, 6 ft.
(1.8 m), Black
q
OVERVIEW
UPC Code
037332153630
Country/Region
UK
INPUT
Maximum Input Amps
2.5
Cable Length (ft.)
6
Cable Length (m)
1.8
Voltage Compatibility (VAC)
250
1 / 2


Similar Part No. - P060-006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P060002 E-SWITCH-P060002 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P060005 E-SWITCH-P060005 Datasheet
27Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Tripp Lite. All Rights ...
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
logo
Littelfuse
P0602AAL LITTELFUSE-P0602AAL Datasheet
154Kb / 3P
Two-chip SIDACtor
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results

Similar Description - P060-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
logo
CUI INC
AC8-DK CUI-AC8-DK Datasheet
193Kb / 2P
IEC C5 ac POWER cord, UK
logo
Tripp Lite. All Rights ...
P014-006 TRIPPLITE-P014-006 Datasheet
161Kb / 2P
Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 ft., Black
P014-06N TRIPPLITE-P014-06N Datasheet
161Kb / 2P
Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 in., Black
P056-006-10A TRIPPLITE-P056-006-10A Datasheet
164Kb / 2P
BS1363 to C13, UK IEC Power Cable - 10A, 250V, 17 AWG, 6 ft. (1.8 m), Black
P058-006 TRIPPLITE-P058-006 Datasheet
165Kb / 2P
C5 to Schuko, European Computer Power Cord - 2.5A, 250V, 17 AWG, 6 ft. (1.8 m), Black
P059-006 TRIPPLITE-P059-006 Datasheet
171Kb / 2P
C7 to Schuko, European Computer Power Cord - 2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
P061-006 TRIPPLITE-P061-006 Datasheet
173Kb / 2P
UK Plug to C7, UK Computer Power Cable - BS1363 to C7, 2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
P013-006 TRIPPLITE-P013-006 Datasheet
176Kb / 3P
3-Slot Power Cord, NEMA 5-15P to C5 - Laptop/Notebook, 7A, 125V, 18 AWG, 6 ft. (1.8 m), Black
logo
CUI Devices
AC8-DK CUID-AC8-DK Datasheet
277Kb / 2P
IEC C5 AC POWER CORD, UK
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com