Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRB112B8FSERIES Datasheet(PDF) 1 Page - CW Industries

Part # GRB112B8FSERIES
Description  GRB Series Miniature Sealed Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRB112B8FSERIES Datasheet(HTML) 1 Page - CW Industries

  GRB112B8FSERIES Datasheet HTML 1Page - CW Industries GRB112B8FSERIES Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item # GRB112B8FSERIES, GRB Series Miniature Sealed Rocker Switches
Specifications · Materials · Technical Information
Circuitry
SPST
Switch Function
(ON)-OFF ILLUM.
IP Level
65
Mounting
ø 20.2 Hole
Actuator Color
Amber
Green
Red
Housing Color
Black
Red
White
Polarization
Y
Actuator Legend
Various
Terminal
0.187" Quick Connect (SQ)
Options
Reference Lamp Chart
larger image
Optional Connector
GR457
Compliance
.
Frame Material
Nylon (UL: 94V-2)
Actuator Material
Nylon (UL: 94V-2)
PC (UL: 94V-2)
Terminal Material
Copper Alloy
Specifications
Materials
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
3/18/2019 | Page 1 of 2


Similar Part No. - GRB112B8FSERIES

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB112B802BR1 CWIND-GRB112B802BR1 Datasheet
60Kb / 1P
ROCKER SWITCH
GRB112B802BR1 CWIND-GRB112B802BR1 Datasheet
152Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112B802BR1 CWIND-GRB112B802BR1_19 Datasheet
152Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112B8SERIES CWIND-GRB112B8SERIES Datasheet
150Kb / 2P
GRB Series Miniature Sealed Rocker Switches
More results

Similar Description - GRB112B8FSERIES

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB066A802BB1 CWIND-GRB066A802BB1 Datasheet
155Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB066C8SERIES CWIND-GRB066C8SERIES Datasheet
153Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112A802BB CWIND-GRB112A802BB_19 Datasheet
156Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112B8SERIES CWIND-GRB112B8SERIES Datasheet
150Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112B802BR1 CWIND-GRB112B802BR1_19 Datasheet
152Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB112C8SERIES CWIND-GRB112C8SERIES Datasheet
150Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB203B8SERIES CWIND-GRB203B8SERIES Datasheet
156Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB244A8SERIES CWIND-GRB244A8SERIES Datasheet
149Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB244C8SERIES CWIND-GRB244C8SERIES Datasheet
149Kb / 2P
GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com