Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3113 Datasheet(PDF) 1 Page - NEC

Part # K3113
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3113 Datasheet(HTML) 1 Page - NEC

  K3113 Datasheet HTML 1Page - NEC K3113 Datasheet HTML 2Page - NEC K3113 Datasheet HTML 3Page - NEC K3113 Datasheet HTML 4Page - NEC K3113 Datasheet HTML 5Page - NEC K3113 Datasheet HTML 6Page - NEC K3113 Datasheet HTML 7Page - NEC K3113 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3113
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D13336EJ3V0DS00 (3rd edition)
Date Published August 2004 NS CP(K)
Printed in Japan
1998, 2001
The mark
shows major revised points.
DESCRIPTION
The 2SK3113 is N-channel DMOS FET device that features
a low gate charge and excellent switching characteristic, and
designed for high voltage applications such as switching
power supply, AC adapter.
FEATURES
• Low on-state resistance
RDS(on) = 4.4
Ω MAX. (VGS = 10 V, ID = 1.0 A)
• Low gate charge
QG = 9 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 2.0 A)
• Gate voltage rating ±30 V
• Avalanche capability ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
600
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±2.0
A
Drain Current (pulse)
Note1
ID(pulse)
±8.0
A
Total Power Dissipation (TC = 25°C)
PT1
20
W
Total Power Dissipation (TA = 25°C)
Note2
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note3
IAS
2.0
A
Single Avalanche Energy
Note3
EAS
2.7
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on glass epoxy board of 40 mm x 40 mm x 1.6 mm
3. Starting Tch = 25°C, VDD = 150 V, RG = 25 Ω, VGS = 20
→ 0 V
(TO-251)
(TO-252)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3113
TO-251 (MP-3)
2SK3113-Z
TO-252 (MP-3Z)


Similar Part No. - K3113

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K3113-Z VBSEMI-K3113-Z Datasheet
1Mb / 9P
Power MOSFET
logo
NEC
K3113B NEC-K3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
K3113B-ZK-E1-AY VBSEMI-K3113B-ZK-E1-AY Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - K3113

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3322 NEC-2SK3322 Datasheet
91Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3455 NEC-2SK3455 Datasheet
64Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3457 NEC-2SK3457 Datasheet
77Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3483 NEC-2SK3483 Datasheet
164Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3715 NEC-2SK3715 Datasheet
102Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com