Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1644708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1644708
Description  HC-B 24-TFQ-76/O1STM40G
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1644708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1644708 Datasheet HTML 1Page - PHOENIX CONTACT 1644708 Datasheet HTML 2Page - PHOENIX CONTACT 1644708 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Jan 26, 2011
Extract from the online
catalog
 
HC-B 24-TFQ-76/O1STM40G
Order No.: 1644708
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1644708
 
 
HEAVYCON B24 sleeve housing, for double locking latch, height: 76
mm, with 1 x M40 thread, straight cable outlet
 
Commercial data
GTIN (EAN)
4
017918
907853
sales group
D002
Pack
10 pcs.
Customs tariff
85389099
Catalog page information
Page 498 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
03/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Note
For contact inserts HC-B24, BB46, D64, DD108, M
Design
B24
Height
76 mm
Width
43 mm
Length
120 mm


Similar Part No. - 1644708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1644711 PHOENIX-1644711 Datasheet
65Kb / 4P
Housing - HC-B 16-TFQ-76/O1STM40S
logo
Turck, Inc.
1644728 TURCK-1644728 Datasheet
487Kb / 4P
Inductive Sensor – With Extended Switching Distance
11/07/2023
1644730 TURCK-1644730 Datasheet
1Mb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
logo
Weidmuller
1644730000 WEIDMULLER-1644730000 Datasheet
100Kb / 4P
BLDT 5.08/4 SN SW
1644730000 WEIDMULLER-1644730000 Datasheet
100Kb / 4P
SL 3.50/03/135F 3.2SN OR BX
More results

Similar Description - 1644708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771765 PHOENIX-1771765 Datasheet
90Kb / 3P
HC-B 24-TFQ-76/M1PG21S
1771778 PHOENIX-1771778 Datasheet
90Kb / 3P
HC-B 24-TFQ-76/M1PG29S
1771794 PHOENIX-1771794 Datasheet
97Kb / 3P
HC-B 24-TFQ-76/M1PG29G
1586581 PHOENIX-1586581 Datasheet
54Kb / 3P
Housing - HC-B 24-TFQ-76/M1M32G
1604854 PHOENIX-1604854 Datasheet
99Kb / 3P
HC-B 24-TFQ-76/O1M32S
1642823 PHOENIX-1642823 Datasheet
66Kb / 3P
EMC housing - HC-B 24-TFQ-76/O1STM40G-EMV
1644669 PHOENIX-1644669 Datasheet
83Kb / 3P
HC-B 24-TFL-76/O1STM40G
1645118 PHOENIX-1645118 Datasheet
85Kb / 3P
HC-B 24-TFQ-76/O1STM32G
1645121 PHOENIX-1645121 Datasheet
83Kb / 3P
HC-B 24-TFQ-76/O1STM32S
1645448 PHOENIX-1645448 Datasheet
85Kb / 3P
HC-B 24-TFQ-76/O2STM40G
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com