Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWS600B-36-R Datasheet(PDF) 1 Page - TDK Electronics

Part # RWS600B-36-R
Description  AC-DC Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RWS600B-36-R Datasheet(HTML) 1 Page - TDK Electronics

  RWS600B-36-R Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : February 01, 2019 (GMT)
RWS600B-36/R
Sales Region
Worldwide
Series
RWS-B
Status
Production
Feature
Option
Remote ON/OFF control
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
85 to 265V
Input Voltage Range[DC]
120 to 330V
Efficiency
88.5% Typ.
Rated Output Voltage[DC]
36V
Output Voltage Range[DC]
32.4 to 41.4V
Maximum Output Current
16.7A
Maximum Output Power
601.2W
Cases Shape & Size
Case’s shape
Unit
Width(W)
61mm Nom.
Height(H)
120mm Nom.
Depth(D)
190mm Nom.
Weight
1600g Typ.
Other
Operating Temp. Range
-20 to 70°C
Cooling
Blower fan cooling
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1
EN60950-1
Safety Standard(Conformed)
Den-an Appendix 8 at 100VAC only
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - RWS600B-36-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RWS600B-36-RFO TDK-RWS600B-36-RFO Datasheet
168Kb / 1P
AC-DC Power Supplies
More results

Similar Description - RWS600B-36-R

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com