Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWS600B-36-RFO Datasheet(PDF) 1 Page - TDK Electronics

Part # RWS600B-36-RFO
Description  AC-DC Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RWS600B-36-RFO Datasheet(HTML) 1 Page - TDK Electronics

  RWS600B-36-RFO Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : February 01, 2019 (GMT)
RWS600B-36/RFO
Sales Region
Worldwide
Series
RWS-B
Status
Production
Feature
Option
Remote ON/OFF control
Remote sensing
Low output voltage (LV) signal
Parallel operation
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
85 to 265V
Input Voltage Range[DC]
120 to 330V
Efficiency
88.5% Typ.
Rated Output Voltage[DC]
36V
Output Voltage Range[DC]
32.4 to 41.4V
Maximum Output Current
16.7A
Maximum Output Power
601.2W
Cases Shape & Size
Case’s shape
Unit
Width(W)
61mm Nom.
Height(H)
120mm Nom.
Depth(D)
190mm Nom.
Weight
1600g Typ.
Other
Operating Temp. Range
-20 to 70°C
Cooling
Blower fan cooling
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1
EN60950-1
Safety Standard(Conformed)
Den-an Appendix 8 at 100VAC only
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - RWS600B-36-RFO

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RWS600B-36-R TDK-RWS600B-36-R Datasheet
168Kb / 1P
AC-DC Power Supplies
More results

Similar Description - RWS600B-36-RFO

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com