Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWSSRC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # WWSSRC
Description  Mobile Standing Desk/Workstation on Wheels, Height Adjustable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWSSRC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  WWSSRC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWSSRC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Mobile Standing Desk/Workstation on Wheels,
Height Adjustable
MODEL NUMBER: WWSSRC
Mobile standing desk transforms your workspace into a portable, ergonomic working environment you can
roll anywhere.
Features
Rolling Workstation Lets You Enjoy the Benefits of Standing During Your Workday
This WorkWise™ mobile workstation desk on wheels lets you enjoy the benefits of better workspace
ergonomics. Standing for part of the day can help increase metabolism, improve alertness and
productivity, reduce fatigue and decrease the risk of repetitive stress injuries. Recommended for home,
school or office use, the WWSSRC adjusts in height from 32 to 49 inches, allowing you to customize it to
your comfort level.
Take Your Work Wherever You Need to Go
This standing desk rests on four heavy-duty locking casters that allow you to roll the unit from room to
room. Ideal for transporting a lesson plan from one classroom to the next or updating medical histories in
a clinic filled with examination rooms, the WWSSRC allows you to go where the work takes you. Because
it takes up less space than many popular computer desks, the WWSSRC is also ideal for small home
offices.
Convenient Shelves Keep Your Work Hardware Organized
This adjustable-height desk on wheels includes four platforms for holding a monitor, laptop, keyboard,
CPU, printer, PDU, audio speakers or any other device needed for day-to-day operation. Each shelf
supports up to 33 pounds.
Highlights
Promotes wellness through
alternating between sitting and
standing throughout the day
q
Height adjustable from 32–49 in.
to let you match your own
comfort level
q
4 locking casters allow you to
roll your entire workstation from
room to room
q
4 shelves for monitor, printer
and other essential devices
support up to 33 lb. each
q
Standing desk on wheels is
recommended for school, office
or home use
q
Applications
Deliver a lecture or a daily
lesson to students in different
classrooms
q
Input patient information from
multiple examining rooms in a
clinic
q
Take inventory in a large
warehouse
q
Set up an efficient workstation
for a temporary worker
q
Package Includes
WWSSRC Rolling Standing
Desk/Workstation on Wheels
q
Owner’s manual
q
OVERVIEW
UPC Code
037332224880
1 / 2


Similar Part No. - WWSSRC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
Rolling Desk TV/Monitor Cart - Height Adjustable
More results

Similar Description - WWSSRC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-GY TRIPPLITE-WWBASE-GY Datasheet
496Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
WWBASE-WH TRIPPLITE-WWBASE-WH Datasheet
492Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, White
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
WWSSDT TRIPPLITE-WWSSDT Datasheet
554Kb / 2P
WorkWise Standing Desktop Workstation
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWSS1332C TRIPPLITE-WWSS1332C Datasheet
162Kb / 2P
WorkWise Desk-Mounted Workstation, Single Display
DMCS1732S TRIPPLITE-DMCS1732S Datasheet
158Kb / 3P
Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
logo
Advantech Co., Ltd.
AVAS-60 ADVANTECH-AVAS-60 Datasheet
121Kb / 1P
Integrated Mobile Surgical Workstation
9-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com