Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF4520E/SPSTQP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18LF4520E/SPSTQP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4520E/SPSTQP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18LF4520E/SPSTQP Datasheet HTML 48Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 49Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 50Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 51Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 52Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 53Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 54Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 55Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 50
Preliminary
 2004 Microchip Technology Inc.
FSR1H
2420
2520
4420
4520
---- 0000
---- 0000
---- uuuu
FSR1L
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
2420
2520
4420
4520
---- 0000
---- 0000
---- uuuu
INDF2
2420
2520
4420
4520
N/A
N/A
N/A
POSTINC2
2420
2520
4420
4520
N/A
N/A
N/A
POSTDEC2
2420
2520
4420
4520
N/A
N/A
N/A
PREINC2
2420
2520
4420
4520
N/A
N/A
N/A
PLUSW2
2420
2520
4420
4520
N/A
N/A
N/A
FSR2H
2420
2520
4420
4520
---- 0000
---- 0000
---- uuuu
FSR2L
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
2420
2520
4420
4520
---x xxxx
---u uuuu
---u uuuu
TMR0H
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
TMR0L
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
2420
2520
4420
4520
1111 1111
1111 1111
uuuu uuuu
OSCCON
2420
2520
4420
4520
0100 q000
0100 q000
uuuu uuqu
HLVDCON
2420
2520
4420
4520
0-00 0101
0-00 0101
u-uu uuuu
WDTCON
2420
2520
4420
4520
---- ---0
---- ---0
---- ---u
RCON(4)
2420
2520
4420
4520
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
2420
2520
4420
4520
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
PR2
2420
2520
4420
4520
1111 1111
1111 1111
1111 1111
T2CON
2420
2520
4420
4520
-000 0000
-000 0000
-uuu uuuu
SSPBUF
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
SSPCON1
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
SSPCON2
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled
as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com