Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1647310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1647310
Description  Housing - HC-B 48-TFL-96/O1STM40G
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1647310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1647310 Datasheet HTML 1Page - PHOENIX CONTACT 1647310 Datasheet HTML 2Page - PHOENIX CONTACT 1647310 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1647310
02/11/2019   Page 1 / 3
Housing - HC-B 48-TFL-96/O1STM40G - 1647310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
HEAVYCON sleeve housing B48, for single locking latch, height 96 mm, with thread 1x M40, straight
conductor exit
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918969462
Technical data
Dimensions
Height
96 mm
Width
89 mm
Length
131.5 mm
Ambient conditions
Degree of protection (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-B48, DD216, M
Size
B48
Housing type
Sleeve housing
Color
gray
Locking type
for single locking latch
No. of cable outlets
1
Cable outlet
straight
Screw connection
none
Type of the screw connection
1x M40
Housing material
Aluminum die-cast


Similar Part No. - 1647310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1647307 PHOENIX-1647307 Datasheet
88Kb / 3P
HC-B 32-TFQ-80/O1STM40G
1647336 PHOENIX-1647336 Datasheet
54Kb / 3P
Housing - HC-B 48-TFL-96/O1STM32S
1647349 PHOENIX-1647349 Datasheet
54Kb / 3P
Housing - HC-B 48-TFL-96/O1STM32G
1647365 PHOENIX-1647365 Datasheet
93Kb / 7P
Contact insert - HC-B 6-EBUZZ
1647378 PHOENIX-1647378 Datasheet
97Kb / 6P
Contact insert - HC-B 10-ESTZZ
More results

Similar Description - 1647310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460337 PHOENIX-1460337 Datasheet
60Kb / 3P
Housing - HC-B 48-TFL-96/O1STM50G
1460351 PHOENIX-1460351 Datasheet
60Kb / 3P
Housing - HC-B 48-TFL-96/O1STM50S
1604879 PHOENIX-1604879 Datasheet
56Kb / 4P
Housing - HC-B 48-TFL-96/O1M40G
1647336 PHOENIX-1647336 Datasheet
54Kb / 3P
Housing - HC-B 48-TFL-96/O1STM32S
1647349 PHOENIX-1647349 Datasheet
54Kb / 3P
Housing - HC-B 48-TFL-96/O1STM32G
1675159 PHOENIX-1675159 Datasheet
56Kb / 3P
Housing - HC-B 48-TFL-96/O1PG29G
1675162 PHOENIX-1675162 Datasheet
56Kb / 3P
Housing - HC-B 48-TFL-96/O1PG29S
1675175 PHOENIX-1675175 Datasheet
57Kb / 3P
Housing - HC-B 48-TFL-96/O1PG36G
1675188 PHOENIX-1675188 Datasheet
56Kb / 3P
Housing - HC-B 48-TFL-96/O1PG36S
1772162 PHOENIX-1772162 Datasheet
92Kb / 3P
HC-B 48-TFL-96/M1PG36G
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com