Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB156G Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # DB156G
Description  Single Phase Glass Passivated Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

DB156G Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  DB156G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. DB156G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. DB156G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1000 V
IO = 1.5 A
Features
• Ideal for printed circuit board
DB Package
• Not ESD Sensitive
Mechanical Data
Parameter
Symbol
DB155G
DB156G
Unit
Repetitive peak reverse voltage
VRRM
600
800
V
RMS reverse voltage
VRMS
420
560
V
DC blocking voltage
VDC
600
800
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
DB155G
DB156G
Unit
Maximum average forward
rectified current
IO
1.5
1.5
A
Peak forward surge current
IFSM
50
50
A
Maximum instantaneous forward
voltage drop
1.1
1.1
5
5
500
500
Rating for fusing
I
2t
10
10
A
2sec
Typical junction capacitance
Cj
14
14
pF
Typical thermal resistance
RΘJA
36
36
°C/W
DB155G thru DB157G
Ta = 25 °C
IF = 1.5 A
Conditions
1000
700
DB157G
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting position: Any
Maximum DC reverse current at
rated DC blocking voltage
IR
VF
μA
Single Phase Glass Passivated
Silicon Bridge Rectifier
5
DB157G
Ta = 125 °C
1.1
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
500
t < 8.3 ms
10
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Polarity: Polarrity symbols marked on the body
• High surge current capability
Case: Molded plastic
36
Terminals: Plated terminals, solderable per MIL-STD-
202, Method 208
Ta = 40 °C
1.5
tp = 8.3 ms, half sine
50
-55 to 150
10
• Reliable low cost construction utilizing molded
plastic technique
• Types from 600 V up to 1000 V V
RRM
14
Conditions
1000
• Small size, simple installation
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/db155g.pdf


Similar Part No. - DB156G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB156G TSC-DB156G Datasheet
98Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
DB156G TAITRON-DB156G Datasheet
184Kb / 4P
1.5A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
DB156G LUGUANG-DB156G Datasheet
217Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
DB156G AMERICASEMI-DB156G Datasheet
402Kb / 2P
BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
DB156G GENESIC-DB156G Datasheet
325Kb / 3P
Silicon Bridge Rectifier
More results

Similar Description - DB156G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com