Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXGL2014 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FXGL2014
Description  4-Channel LVTTL to GTL Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXGL2014 Datasheet(HTML) 2 Page - ON Semiconductor

  FXGL2014 Datasheet HTML 1Page - ON Semiconductor FXGL2014 Datasheet HTML 2Page - ON Semiconductor FXGL2014 Datasheet HTML 3Page - ON Semiconductor FXGL2014 Datasheet HTML 4Page - ON Semiconductor FXGL2014 Datasheet HTML 5Page - ON Semiconductor FXGL2014 Datasheet HTML 6Page - ON Semiconductor FXGL2014 Datasheet HTML 7Page - ON Semiconductor FXGL2014 Datasheet HTML 8Page - ON Semiconductor FXGL2014 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
September 2018
www.onsemi.com
© 2016 Semiconductor Components Industries, LLC
FXGL2014 • Rev.
2
FXGL2014
— 4-Channel LVTTL to GTL Transceiver
Features
Operates as a 4-bit GTL−/GTL/GTL+ Sampling
receiver or as a LVTTL to GTL−/GTL/GTL+ Driver
3.0 V to 3.6 V Operation with 5 V Tolerant LVTTL
Input
GTL Input and Output 3.6 V Tolerant
Vref Adjustable from 0.5 V to VCC/2
Partial Power-down Permitted
Under-Voltage Lockout (UVLO)
ESD Protection exceeds 2000 V HBM per JESD22-
A114 and 1000 V CDM per JESD22-CC101
Latch-up Protection Exceeds 500 mA per JESD78
Package Offered: TSSOP14
–40°C to 85°C Operating Temperature Range
Applications
Server
Base Station
Wire-line Communication
Description
The FXGL2014 is a 4-channel translator to interface
between 3.3-V LVTTL chip set I/O and Xeon processor
GTL
–/GTL/GTL+ I/O.
The FXGL2014 integrates ESD protection cells on all
terminals and is available in a TSSOP package (5.0 mm
× 4.4 mm). The device is characterized over free air
temperature range of
–40°C to 85°C.
.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
FXGL2014MTC
X
-40 to +85°C
5.0 mm × 4.4 mm, 0.65 mm Pitch, 14 Lead
TSSOP Package
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com